Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55V328J Datasheet (PDF) - Toshiba Semiconductor

TC55V328J Datasheet PDF - Toshiba Semiconductor
Part # TC55V328J
Download  TC55V328J Download
File Size   337.41 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT CMOS STATIC RAM

TC55V328J Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55V328J Datasheet PDF - Toshiba Semiconductor

Part # TC55V328J
Download  TC55V328J Click to download

File Size   337.41 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT CMOS STATIC RAM

TC55V328J Datasheet (HTML) - Toshiba Semiconductor


TC55V328J Product details

Description
The TC55V328J is a 262,144 bit CMOS high speed static random access memory organized as 32,768 words by 8 bits and
designed to operate from a single 3.3V supply. Toshiba's advanced CMOS technology and circuit design enable high speed, low
voltage operation.
The TC55V328J features low power dissipation when the SRAM is deselected using chip enable (CE) and has an output
enable input (OE) for fast memory access. It is suitable for use in high speed applications such as cache memory. All inputs and
outputs are LVTTL (low voltage TTL) compatible.
The TC55V328J is available in a 28-pin, 300mil SOJ package suitable for high density assembly.

Features
Fast access time
- TC55V328J-20
- TC55V328J-25
TC55V328J-35
-
• Low power dissipation
- Operation:
- TC55V328J-20
TC55V328J-25
TC55V328J-35
70mA (max.)
70mA (max.)
70mA (max.)
300μA (max.)
Standby:
Fully static operation
20ns (max.)
25ns (max.)
35ns (max.)
Single power supply: 3.3V ±0.3V
Output buffer control: OE
Inputs and outputs:
- LVTTL compatible
• Package:
TC55V328J: SOJ28-P-300A




Similar Part No. - TC55V328J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V328BFT-12 TOSHIBA-TC55V328BFT-12 Datasheet
357Kb / 9P
32,768 WORD-8 BIT STATIC RAM
TC55V328BFT-15 TOSHIBA-TC55V328BFT-15 Datasheet
357Kb / 9P
32,768 WORD-8 BIT STATIC RAM
TC55V328BJ TOSHIBA-TC55V328BJ Datasheet
357Kb / 9P
32,768 WORD-8 BIT STATIC RAM
TC55V328BJ-12 TOSHIBA-TC55V328BJ-12 Datasheet
357Kb / 9P
32,768 WORD-8 BIT STATIC RAM
TC55V328BJ-15 TOSHIBA-TC55V328BJ-15 Datasheet
357Kb / 9P
32,768 WORD-8 BIT STATIC RAM
More results


Similar Description - TC55V328J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
32,768 WORD x 8 BIT STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC51832AP TOSHIBA-TC51832AP Datasheet
449Kb / 8P
32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551632J TOSHIBA-TC551632J Datasheet
394Kb / 7P
32,768 WORD x 16 BIT CMOS STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
32,768 WORD x 8 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com