Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC571000D Datasheet (PDF) - Toshiba Semiconductor

TC571000D Datasheet PDF - Toshiba Semiconductor
Part # TC571000D
Download  TC571000D Download
File Size   453.23 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC571000D

TC571000D Datasheet (PDF)

Go To PDF Page Download Datasheet
TC571000D Datasheet PDF - Toshiba Semiconductor

Part # TC571000D
Download  TC571000D Click to download

File Size   453.23 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC571000D

TC571000D Datasheet (HTML) - Toshiba Semiconductor


TC571000D Product details

DESCRIPTION
The TC571000D/TC571001D is a 131,072 word x 8 bit CMOS ultraviolet light erasable
and electrically programmable read only memory.
The TC571000D is JEDEC standard pin configuration and the TC571001D is compatible with
28 pin 1M bit Mask ROM. Both products are packed in 32 pin standard cerdip package.
TC571000D/TC571001D is fabricated with the CMOS technology. Advanced circuit tech-
niques provide both high speed and low power features with a maximum operating current
of 30mA/6.7MHz and access time of 150ns/200ns/250ns.
The programming times of the TC571000D/TC571001D except overhead times of EPROM pro-
grammer is only 14 seconds by using the high speed programming algorithm.

FEATURES
Peripheral circuit: CMOS
Memory cell
: N-MOS
Access Time
-15
-20 -25
VCC
5V±5%
Temp
0~70°C -40 ~ 85°C
CACC 150ns 200ns 250ns
• Low power dissipation
Active: 30mA/6.7MHz
Standby: 100uA (Ta-85°C)
-200
5V-10%
0~70°C
200ns
Single 5V power supply
Full static operation
High speed programming operation: tpp 0.1ms
Input and output TTL compatible
• JEDEC standard 32 pin: TC571000D
• 1M MROM compatible : TC571001D
Standard 32 pin DIP cerdip package
.
.




Similar Part No. - TC571000D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC57 MICROCHIP-TC57 Datasheet
462Kb / 16P
Line Regulator Controller
2002
logo
Cornell Dubilier Electr...
TC57 CDE-TC57 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC572502 MICROCHIP-TC572502 Datasheet
462Kb / 16P
Line Regulator Controller
2002
TC572502ECT MICROCHIP-TC572502ECT Datasheet
462Kb / 16P
Line Regulator Controller
2002
TC572502ECT MICROCHIP-TC572502ECT Datasheet
227Kb / 16P
Line Regulator Controller
2001-2012 10/26/12
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com