Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC62D749AFG Datasheet (PDF) - Toshiba Semiconductor

TC62D749AFG Datasheet PDF - Toshiba Semiconductor
Part # TC62D749AFG
Download  TC62D749AFG Download
File Size   306.34 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16-Output Constant Current LED Driver (Output switching high-speed version)

TC62D749AFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC62D749AFG Datasheet PDF - Toshiba Semiconductor

Part # TC62D749AFG
Download  TC62D749AFG Click to download

File Size   306.34 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16-Output Constant Current LED Driver (Output switching high-speed version)

TC62D749AFG Datasheet (HTML) - Toshiba Semiconductor


TC62D749AFG Product details

TC62D749 series are an LED driver with a sink type constant
current output.
It is the best for lighting the LED module and the LED display.
This IC consists of a constant current output circuit of 16
outputs, a shift register of 16 bits, a latch of 16 bits, and 16 AND
gates.
The output current of 16 outputs can be set by one external
resistance.
Moreover, high-speed data transfer is possible by adoption of a
CMOS process.
This IC can operate with the power supply voltage of a 3.3 V
system and a 5 V system.
The TC62D749 series are RoHS compatible

Features
• Power supply voltages : VDD = 3.3 V to 5.0 V
• 16-output built-in
• Output current setting range : IOUT = 1.5 to 90 mA
• Current accuracy (@ REXT = 1.2 kΩ, VOUT = 1.0 V, VDD = 3.3 V, 5.0 V)
: Between outputs ± 1.5 % (max)
: Between devices: ± 1.5 % (max)
• Output voltage : VOUT = 17 V (max)
• Output switching characteristic : twOE = 25 ns (min), tor = 10ns (typ.), tof = 10ns (typ.)
There is TC62D748 as an output switching standard-speed version of this product.
• Control data format : serial-in, parallel-out
• Input signal voltage level : 3.3 V and 5.0 V CMOS interfaces
(Schmitt trigger input)
• Serial data transfer rate : 25 MHz (max) @cascade connection
• Operation temperature range : Topr = −40 to 85 °C
• Power-on-reset function built-in : When the power supply is turned on, internal data is reset.
• Package : AFG type SSOP24-P-300-1.00B
: AFNAG type SSOP24-P-150-0.64
: BFNAG type SSOP24-P-150-0.64




Similar Part No. - TC62D749AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC62D749CFG TOSHIBA-TC62D749CFG Datasheet
385Kb / 23P
16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D749CFG MARKTECH-TC62D749CFG Datasheet
385Kb / 23P
16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
16-Output Constant Current LED Driver
logo
Toshiba Semiconductor
TC62D749CFNAG TOSHIBA-TC62D749CFNAG Datasheet
380Kb / 23P
16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
16-Output Constant Current LED Driver
More results


Similar Description - TC62D749AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
16-Output Constant Current LED Driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
16-Output constant current LED driver
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
16-Output Constant Current LED Driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
16-Output constant current LED driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
16-Output constant current LED driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
16-Output Constant Current LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com