Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX16821FT Datasheet (PDF) - Toshiba Semiconductor

TC74VCX16821FT Datasheet PDF - Toshiba Semiconductor
Part # TC74VCX16821FT
Download  TC74VCX16821FT Download
File Size   234.78 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs

TC74VCX16821FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VCX16821FT Datasheet PDF - Toshiba Semiconductor

Part # TC74VCX16821FT
Download  TC74VCX16821FT Click to download

File Size   234.78 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs

TC74VCX16821FT Datasheet (HTML) - Toshiba Semiconductor


TC74VCX16821FT Product details

The TC74VCX16821FT is a high-performance CMOS 20-bit
D-type flip-flop. Designed for use in 1.8-V, 2.5-V or 3.3-V systems,
it achieves high-speed operation while maintaining the CMOS
low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
The device is byte controlled with each byte functioning
identically, but independent of the other. Control pins can be
shorted together to obtain full 20-bit operation. The following
description applies to each byte. The twenty flip-flops will store
the state of their individual D inputs that meet the setup and
hold time requirements on the LOW-to-HIGH Clock (CK)
transition. When the OE input is high, the outputs are in a high-impedance state. This device is designed to be
used with 3-state memory address drivers, etc.
All inputs are equipped with protection circuits against static discharge.

Features
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation : tpd = 3.5 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 4.4 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 8.8 ns (max) (VCC = 1.8 V)
• Output current : IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model ≥ ±2000 V
• Package: TSSOP
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs




Similar Part No. - TC74VCX16821FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16823FT TOSHIBA-TC74VCX16823FT Datasheet
223Kb / 12P
Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16827FT TOSHIBA-TC74VCX16827FT Datasheet
340Kb / 9P
LOW VOLTAGE 20-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16827FT TOSHIBA-TC74VCX16827FT Datasheet
209Kb / 11P
Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX16827FT TOSHIBA-TC74VCX16827FT_07 Datasheet
209Kb / 11P
Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Similar Description - TC74VCX16821FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162821FT TOSHIBA-TC74VCX162821FT Datasheet
175Kb / 12P
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16823FT TOSHIBA-TC74VCX16823FT Datasheet
223Kb / 12P
Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162721FT TOSHIBA-TC74VCX162721FT Datasheet
223Kb / 12P
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162821FT TOSHIBA-TC74VCX162821FT_07 Datasheet
225Kb / 12P
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162823FT TOSHIBA-TC74VCX162823FT Datasheet
229Kb / 12P
Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com