Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1073554 Datasheet (PDF) - PHOENIX CONTACT

1073554 Datasheet PDF - PHOENIX CONTACT
Part # 1073554
Download  1073554 Download
File Size   1356.32 Kbytes
Page   56 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MPT 2,5-NS 35 BU

1073554 Datasheet (PDF)

Go To PDF Page Download Datasheet
1073554 Datasheet PDF - PHOENIX CONTACT

Part # 1073554
Download  1073554 Click to download

File Size   1356.32 Kbytes
Page   56 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MPT 2,5-NS 35 BU

1073554 Datasheet (HTML) - PHOENIX CONTACT


1073554 Product details

Mini feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, connection
method: Push-in connection, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2,
mounting type: NS 35/7,5, NS 35/15, color: blue




Similar Part No. - 1073554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1073553 PHOENIX-1073553 Datasheet
1Mb / 56P
Mini feed-through terminal block - MPT 2,5-NS 35
Nov 16, 2022
1073555 PHOENIX-1073555 Datasheet
1Mb / 46P
Mini ground terminal block - MPT 2,5-NS 35-PE
Nov 16, 2022
logo
SICK AG
1073556 SICK-1073556 Datasheet
872Kb / 7P
RFID
More results


Similar Description - 1073554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3244313 PHOENIX-3244313 Datasheet
136Kb / 13P
Mini feed-through terminal block - MSDB 2,5-NS 35 BU
3248125 PHOENIX-3248125 Datasheet
70Kb / 6P
Mini feed-through terminal block - MPT 2,5
3248126 PHOENIX-3248126 Datasheet
64Kb / 4P
Mini feed-through terminal block - MPT 2,5 BU
3249224 PHOENIX-3249224 Datasheet
134Kb / 13P
Mini feed-through terminal block - MSDBV 2,5-NS 35 BU
3249088 PHOENIX-3249088 Datasheet
159Kb / 14P
Mini feed-through terminal block - MSBV 2,5-NS 35
09/12/2020
1073553 PHOENIX-1073553 Datasheet
1Mb / 56P
Mini feed-through terminal block - MPT 2,5-NS 35
Nov 16, 2022
1073602 PHOENIX-1073602 Datasheet
1Mb / 47P
Mini feed-through terminal block - MPT 2,5-NS 15
Nov 16, 2022
1073605 PHOENIX-1073605 Datasheet
1Mb / 47P
Mini feed-through terminal block - MPT 2,5-NS 15 BU
Nov 16, 2022
3249006 PHOENIX-3249006 Datasheet
1Mb / 54P
Mini feed-through terminal block - MPT 2,5-M BU
Nov 16, 2022
3249012 PHOENIX-3249012 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ BU
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com