Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1110155 Datasheet (PDF) - PHOENIX CONTACT

1110155 Datasheet PDF - PHOENIX CONTACT
Part # 1110155
Download  1110155 Download
File Size   953.08 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit - UNO2-PS/1AC/48DC/240W

1110155 Datasheet (PDF)

Go To PDF Page Download Datasheet
1110155 Datasheet PDF - PHOENIX CONTACT

Part # 1110155
Download  1110155 Click to download

File Size   953.08 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit - UNO2-PS/1AC/48DC/240W

1110155 Datasheet (HTML) - PHOENIX CONTACT


1110155 Product details

Primary-switched power supply unit, UNO POWER, Screw connection, DIN rail mounting,
input: 1-phase, output: 48 V DC / 5 A

Your advantages
• Save space in the control cabinet with an extremely narrow overall width of just 45 mm
• Save energy, thanks to a high degree of efficiency
• Outdoor installation possible, with a wide temperature range of -25°C … +70°C
• Simple output voltage monitoring, thanks to the floating DC OK relay contact




Similar Part No. - 1110155

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1110155 MACOM-1110155 Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - 1110155

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2866695 PHOENIX-2866695 Datasheet
76Kb / 6P
Power supply unit - QUINT-PS/1AC/48DC/20
2902995 PHOENIX-2902995 Datasheet
72Kb / 5P
Power supply unit - UNO-PS/1AC/48DC/ 60W
2902996 PHOENIX-2902996 Datasheet
72Kb / 5P
Power supply unit - UNO-PS/1AC/48DC/100W
2904372 PHOENIX-2904372 Datasheet
71Kb / 5P
Power supply unit - UNO-PS/1AC/24DC/240W
1096432 PHOENIX-1096432 Datasheet
508Kb / 12P
Power supply unit - UNO2-PS/1AC/24DC/240W
11/09/2021
1110043 PHOENIX-1110043 Datasheet
549Kb / 17P
Power supply unit - UNO2-PS/1AC/24DC/960W
Nov 16, 2022
2904612 PHOENIX-2904612 Datasheet
711Kb / 20P
Power supply unit - QUINT4-PS/1AC/48DC/20
Nov 16, 2022
2866682 PHOENIX-2866682 Datasheet
447Kb / 20P
Power supply unit - QUINT-PS/1AC/48DC/10
Dec 14, 2022
2866679 PHOENIX-2866679 Datasheet
411Kb / 19P
Power supply unit - QUINT-PS/1AC/48DC/ 5
Dec 16, 2022
2904611 PHOENIX-2904611 Datasheet
793Kb / 24P
Power supply unit - QUINT4-PS/1AC/48DC/10
Dec 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com