Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIV2161 Datasheet (PDF) - ON Semiconductor

NIV2161 Datasheet PDF - ON Semiconductor
Part # NIV2161
Download  NIV2161 Download
File Size   264.98 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection with Automotive Short-to-Battery & Ground Protection

NIV2161 Datasheet (PDF)

Go To PDF Page Download Datasheet
NIV2161 Datasheet PDF - ON Semiconductor

Part # NIV2161
Download  NIV2161 Click to download

File Size   264.98 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection with Automotive Short-to-Battery & Ground Protection

NIV2161 Datasheet (HTML) - ON Semiconductor


NIV2161 Product details

Low Capacitance ESD Protection w/ short−
to−battery and short−to−ground
Protection for Automotive High Speed
Data Lines

The NIS/NIV2161 is designed to protect high speed data lines
from ESD as well as short to vehicle battery situations. The ultra−low
capacitance and low ESD clamping voltage make this device an ideal
solution for protecting voltage sensitive high speed data lines while
the low RDS(on) FET limits distortion on the signal lines. The
flow−through style package allows for easy PCB layout and matched
trace lengths necessary to maintain consistent impedance between
high speed differential lines such as USB and LVDS protocols.

Features
• Low Capacitance (0.40 pF Typical, I/O to GND)
• Protection for the Following Standards:
IEC 61000−4−2 (Level 4) & ISO 10605
• Integrated MOSFETs for Short−to−Battery and Short−to−Ground
Protection
• NIV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Typical Applications
• Automotive High Speed Signal Pairs
• USB 2.0/3.0
• LVDS
• APIX 2/3




Similar Part No. - NIV2161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161 Datasheet
142Kb / 8P
ESD Protection
October, 2016 ??Rev. 0
NIV2161MTTAG ONSEMI-NIV2161MTTAG Datasheet
142Kb / 8P
ESD Protection
October, 2016 ??Rev. 0
More results


Similar Description - NIV2161

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
logo
Texas Instruments
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
Automotive USB Host Charger With Short-to-VBATT Protection
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
logo
Allegro MicroSystems
A5950 ALLEGRO-A5950 Datasheet
468Kb / 11P
Motor lead short-to-ground protection
logo
Texas Instruments
TPS254900A-Q1 TI1-TPS254900A-Q1 Datasheet
2Mb / 39P
Automotive USB Host Charger With Short-to-VBATT Protection
logo
ON Semiconductor
NIV1241 ONSEMI-NIV1241 Datasheet
230Kb / 8P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 0
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com