Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEMT1020 Datasheet (PDF) - Vishay Siliconix

TEMT1020 Datasheet PDF - Vishay Siliconix
Part # TEMT1020
Download  TEMT1020 Download
File Size   197.33 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor, RoHS Compliant

TEMT1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEMT1020 Datasheet PDF - Vishay Siliconix

Part # TEMT1020
Download  TEMT1020 Click to download

File Size   197.33 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor, RoHS Compliant

TEMT1020 Datasheet (HTML) - Vishay Siliconix


TEMT1020 Product details

DESCRIPTION
TEMT1000 series are silicon NPN phototransistors with high
radiant sensitivity in black, surface mount, plastic packages
with lens and daylight blocking filter. Filter bandwidth is
matched with 870 nm to 950 nm IR emitters.

FEATURES
• Package type: surface mount
• Package form: GW, RGW, yoke, axial
• Dimensions (L x W x H in mm): 2.5 x 2 x 2.7
• High radiant sensitivity
• Daylight blocking filter matched with 870 nm to
950 nm IR emitters
• Fast response times
• Angle of half sensitivity:  = ± 15°
• Package matches with IR emitter series TSML1000
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Compliant to RoHS Directive 2002/95/EC and in
accordance with WEEE 2002/96/EC

APPLICATIONS
• Detector in electronic control and drive circuits
• IR detector for daylight application
• Photo interrupters
• Counter
• Encoder




Similar Part No. - TEMT1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
Silicon Phototransistor
08-Mar-05
TEMT1020 VISHAY-TEMT1020 Datasheet
231Kb / 9P
Silicon NPN Phototransistor, RoHS Compliant
09-Sep-08
TEMT1020 VISHAY-TEMT1020 Datasheet
196Kb / 9P
Silicon NPN Phototransistor, RoHS Compliant
29-Jun-11
TEMT1020 VISHAY-TEMT1020 Datasheet
197Kb / 9P
Silicon NPN Phototransistor, RoHS Compliant
29-Jun-11
More results


Similar Description - TEMT1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMT3700 VISHAY-VEMT3700 Datasheet
139Kb / 6P
Silicon NPN Phototransistor, RoHS Compliant
05-Sep-08
VEMT3700F VISHAY-VEMT3700F Datasheet
139Kb / 6P
Silicon NPN Phototransistor, RoHS Compliant
04-Sep-08
VEMT4700 VISHAY-VEMT4700 Datasheet
143Kb / 7P
Silicon NPN Phototransistor, RoHS Compliant
04-Sep-08
TEMT3700 VISHAY-TEMT3700_08 Datasheet
136Kb / 6P
Silicon NPN Phototransistor, RoHS Compliant
10-Oct-08
TEST2600 VISHAY-TEST2600_08 Datasheet
105Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
BPW77NA VISHAY-BPW77NA_V01 Datasheet
140Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
BPW77NA VISHAY-BPW77NA_V02 Datasheet
141Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
TEST2600 VISHAY-TEST2600_V02 Datasheet
97Kb / 5P
Silicon NPN Phototransistor, RoHS Compliant
08-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com