Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C56H Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
UCC28C56H Datasheet PDF - Texas Instruments
Part # UCC28C56H
Download  UCC28C56H Download
File Size   3270.19 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs

UCC28C56H Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28C56H Datasheet PDF - Texas Instruments

Part # UCC28C56H
Download  UCC28C56H Click to download

File Size   3270.19 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs

UCC28C56H Datasheet (HTML) - Texas Instruments


UCC28C56H Product details

1 Features
• Undervoltage lockout options to support both Si
and SiC MOSFET applications
• 30-V VDD absolute maximum voltage
• 1-MHz maximum fixed frequency operation
• 50-μA startup current, 75-μA maximum
• Low operating current: 1.3 mA (at fOSC = 52 kHz)
• Fast 35-ns, cycle-by-cycle overcurrent limiting
• ±1-A peak driving current
• Rail-to-rail output
– 25-ns rise time
– 20-ns fall time
• ±1% accurate 2.5-V error amplifier reference
• Pin-to-pin compatible and drop-in replacement for
UCCx8C4x
• Functional Safety-Capable
– Documentation available to aid functional safety
system design

2 Applications
• General purpose single-ended DC-DC or off-line
isolated power converters
• Auxiliary power supply for solar power inverters,
motor drives, energy storage systems
• Isolated power supply for EV charging stations

3 Description
The UCCx8C5x family of devices are highperformance
current-mode PWM controllers that
can drive both Si and SiC MOSFETs in various
applications. The UCCx8C5x family is a more efficient
and robust version of the UCCx8C4x.
The UCCx8C5x family has new UVLO thresholds
that allow for reliable SiC MOSFET operation
(UCC28C56-59), in addition to existing UVLO
thresholds for continued Si MOSFET support
(UCCx8C50-55).
VDD absolute maximum voltage rating is extended
from 20 V to 30 V for optimally driving the gate of
20-Vgs, 18-Vgs, or 15-Vgs SiC MOSFETs, while also
allowing for the exclusion of an external LDO.




Similar Part No. - UCC28C56H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C56H TI-UCC28C56H Datasheet
3Mb / 47P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C56H TI-UCC28C56H Datasheet
3Mb / 52P
UCC28C5x-Q1 Automotive BiCMOS Low-Power Current-Mode PWM Controllers for Si and SiC MOSFETs
JUNE 2022
UCC28C56H TI-UCC28C56H Datasheet
3Mb / 48P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C56H TI1-UCC28C56H Datasheet
3Mb / 53P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
UCC28C56H TI-UCC28C56H Datasheet
3Mb / 56P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
More results


Similar Description - UCC28C56H

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
UCC28C50-Q1 TI-UCC28C50-Q1 Datasheet
3Mb / 52P
UCC28C5x-Q1 Automotive BiCMOS Low-Power Current-Mode PWM Controllers for Si and SiC MOSFETs
JUNE 2022
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C50-Q1 TI-UCC28C50-Q1_V01 Datasheet
3Mb / 52P
UCC28C5x-Q1 Automotive BiCMOS Low-Power Current-Mode PWM Controllers for Si and SiC MOSFETs
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C50 TI1-UCC28C50 Datasheet
3Mb / 53P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
UCC28C50 TI-UCC28C50_V01 Datasheet
3Mb / 56P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
UCC28C50 TI-UCC28C50_V02 Datasheet
3Mb / 56P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com