Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A381AQ Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A381AQ Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A381AQ
Download  PI5A381AQ Download
File Size   162.29 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Wide Bandwidth Analog Switches

PI5A381AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A381AQ Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A381AQ
Download  PI5A381AQ Click to download

File Size   162.29 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Wide Bandwidth Analog Switches

PI5A381AQ Datasheet (HTML) - Pericom Semiconductor Corporation


PI5A381AQ Product details

Description

The PI5A381/383/385A are dual monolithic analog switches designed for single-supply operation. These high-precision devices are ideal for low-distortion audio, video signal switching and routing.

The PI5A381 is a dual single-pole single-throw (SPST), normally open (NO) switch. The PI5A383 is a dual single-pole double-throw (SPDT) switch. The PI5A385 is a dual double pole single-throw (DPST), normally open (NO) function.



Features

• Single-Supply Operation (+2V to +6V)

• Rail-to-Rail Analog Signal Dynamic Range

• Low On-Resistance (8Ω typ with 5V supply) Minimizes Distortion and Error Voltages

• RON Matching Between Channels, 0.9 Ω typ

• On-Resistance Flatness, 3Ω typ

• Low Charge Injection Reduces Glitch Errors. Q = 7pC typ

• High Speed. tON = 8ns typ

• Very Good Off-Isolation: -55dB @ 10 MHz

• Wide -3dB Bandwidth: 230 MHz

• High-Current Channel Capability: >100mA

• TTL/CMOS Logic Compatible

• Low Power Consumption (0.5µW typ)

• Pin-compatible with DG40X, MAX38X



Applications

• Audio, Video Switching and Routing

• Battery-Powered Communication Systems

• Computer Peripherals

• Telecommunications

• Portable Instrumentation

• Replaces Mechanical Relays




Similar Part No. - PI5A381AQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Similar Description - PI5A381AQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
Wide Bandwidth Analog Switches
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
Precision Wide Bandwidth Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
Dual, Wide Bandwidth Analog Switches
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com