Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC32FN Datasheet (PDF) - Toshiba Semiconductor

TC74VHC32FN Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC32FN
Download  TC74VHC32FN Download
File Size   267.38 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-INPUT OR GATE

TC74VHC32FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC32FN Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC32FN
Download  TC74VHC32FN Click to download

File Size   267.38 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-INPUT OR GATE

TC74VHC32FN Datasheet (HTML) - Toshiba Semiconductor


TC74VHC32FN Product details

The TC74VHC32 is an advanced high speed CMOS 2 - INPUT
OR GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is composed of 4 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
High Speed
• Low Power Dissipation...| Icc
• High Noise Immunity.VNIH
• Power Down Protection is provided on all inputs.
• Balanced Propagation Delays...tpLH=tpHL
• Wide Operating Voltage Range Vcc (opr)=2V~5.5V
• Low Noise
• Pin and Function Compatible with 74ALS32
tpd 3.8ns(typ.) at Vcc=5V
2uA(Max.) at Ta=25°C
VNIL = 28% Vcc (Min.)
VOLP=0.8V (Max.)




Similar Part No. - TC74VHC32FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC32FN TOSHIBA-TC74VHC32FN Datasheet
201Kb / 5P
QUAD 2-INPUT OR GATE
TC74VHC32FN TOSHIBA-TC74VHC32FN Datasheet
254Kb / 9P
Quad 2-Input OR Gate
More results


Similar Description - TC74VHC32FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com