Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6302UJ Datasheet (PDF) - NXP Semiconductors

BTS6302UJ Datasheet PDF - NXP Semiconductors
Part # BTS6302UJ
Download  BTS6302UJ Download
File Size   849.13 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Wideband high linearity pre-driver amplifier

BTS6302UJ Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS6302UJ Datasheet PDF - NXP Semiconductors

Part # BTS6302UJ
Download  BTS6302UJ Click to download

File Size   849.13 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Wideband high linearity pre-driver amplifier

BTS6302UJ Datasheet (HTML) - NXP Semiconductors


BTS6302UJ Product details

General description
The BTS6302U is a wideband, high linearity, pre-driver amplifier for 5G massive
MIMO infrastructure applications, with fast on-off switching to support TDD systems.
The amplifier is designed to operate between 2.3 GHz and 5 GHz. It is housed in a
3 mm × 3 mm × 0.85 mm 16-terminal HVQFN package.
The amplifier is ESD protected on all terminals.

Features and benefits
• High saturated output power Po(sat) = 27.9 dBm
• High power-gain Gp = 38 dB
• High linearity performance ACLR = -43 dBc
• Unconditionally stable
• Fast switching to support TDD systems
• 5 V single supply, quiescent current 68 mA
• Small 16-terminal leadless package 3 mm x 3 mm x 0.85 mm
• ESD protection on all terminals
• Moisture sensitivity level 1

Applications
• Wireless infrastructure 5G NR mMIMO
• High linearity pre-driver
• TDD systems




Similar Part No. - BTS6302UJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTS6302UJ NXP-BTS6302UJ Datasheet
841Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
More results


Similar Description - BTS6302UJ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3199TN SONY-CXA3199TN Datasheet
161Kb / 11P
Wideband Pre-amplifier
CXA3299TN SONY-CXA3299TN Datasheet
107Kb / 10P
Wideband Pre-amplifier
logo
RF Micro Devices
RF3220 RFMD-RF3220 Datasheet
162Kb / 10P
HIGH LINEARITY/DRIVER AMPLIFIER
RF3223 RFMD-RF3223 Datasheet
155Kb / 8P
HIGH LINEARITY/DRIVER AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
HIGH LINEARITY/DRIVER AMPLIFIER
RF3220 RFMD-RF3220_1 Datasheet
291Kb / 10P
HIGH LINEARITY/DRIVER AMPLIFIER
logo
NXP Semiconductors
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
BTS6403U NXP-BTS6403U Datasheet
943Kb / 15P
Wideband high gain high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 1-30 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com