Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVT4858 Datasheet (PDF) - NXP Semiconductors

NVT4858 Datasheet PDF - NXP Semiconductors
Part # NVT4858
Download  NVT4858 Download
File Size   639.72 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection

NVT4858 Datasheet (PDF)

Go To PDF Page Download Datasheet
NVT4858 Datasheet PDF - NXP Semiconductors

Part # NVT4858
Download  NVT4858 Click to download

File Size   639.72 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection

NVT4858 Datasheet (HTML) - NXP Semiconductors


NVT4858 Product details

General description
The device is an SD 3.0-compliant bidirectional dual voltage level translator with autodirection
control. It is designed to interface between a memory or SIM card operating
between 1.62 V to 3.6 V signal levels and a host with a supply voltage of 1.08 V to
1.98 V. The device supports SD 3.0 SDR104, SDR50, DDR50, SDR25, SDR12 and SD 2.0 High-
Speed (50 MHz) and Default-Speed (25 MHz) modes. The device has an auto-enable/
disable function connected to the VCCB supply pin, built-in EMI filters and robust ESD
protections (IEC 61000-4-2, level 4) on VCCB or any of the card side pins. External ESD
diodes are not required. This device also supports SIM card voltage level translator using CLK and two of the data lines for SD and SIM card combo sockets.

Features and benefits
• Supports up to 208 MHz clock rate
• SD 3.0 specification-compliant voltage translation to support SDR104, SDR50, DDR50,
SDR25, SDR12, High-Speed and Default-Speed modes
• Compliant with all ETSI, IMT-2000 and ISO-7816 SIM/Smart Card interface
requirements
• Support SD/SIM card supply voltages with range of 1.62 V to 3.6 V
• Host microcontroller operating voltage range: 1.08 V to 1.98 V
• Feedback channel for clock synchronization
• Low power consumption by push-pull output stage with break-before-make architecture
• Automatic enable and disable through VCCB
• Integrated pull-up and pull-down resistors
• Integrated EMI filters suppress higher harmonics of digital I/Os
• Integrated 8 kV ESD protection according to IEC 61000-4-2, level 4 on on VCCB or any
of the card side pins
• Level shifting buffers keep ESD stress away from the host (zero-clamping concept)
• Available in XQFN16 with 0.4 mm pitch and WLCSP16 with 0.35 mm pitch

Applications
• Smart phones
• Mobile handsets
• Digital cameras
• Tablet PCs
• Laptop computers
• SD, MMC or microSD card readers




Similar Part No. - NVT4858

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
NVT4858HK NXP-NVT4858HK Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858HK NXP-NVT4858HK Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
NVT4858HKZ NXP-NVT4858HKZ Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results


Similar Description - NVT4858

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-MSD01F2 STMICROELECTRONICS-EMIF06-MSD01F2 Datasheet
190Kb / 7P
IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
02-Feb-2007
logo
Infineon Technologies A...
BGF117 INFINEON-BGF117 Datasheet
721Kb / 8P
High-Speed Mini-/Micro-SD Card ESD Protection and EMI Filter
V2.0, January 2010
logo
NXP Semiconductors
IP4855CX25 NXP-IP4855CX25 Datasheet
245Kb / 29P
SD 3.0-compliant memory card integrated voltage level translator with EMI filter and ESD protection
Rev. 1-13 September 2012
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
Mini and micro-SD card IPAD??EMI filtering and ESD protection
12-Aug-2010
EMIF06-USD05F3 STMICROELECTRONICS-EMIF06-USD05F3 Datasheet
337Kb / 8P
6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces
25-Apr-2014
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
November 2011 Rev 2
EMIF06-HSD03F3 STMICROELECTRONICS-EMIF06-HSD03F3 Datasheet
565Kb / 10P
EMI filter with integrated ESD protection for micro-SD Card?
October 2016 Rev 4
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com