Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7739FTG Datasheet (PDF) - Toshiba Semiconductor

TC7739FTG Datasheet PDF - Toshiba Semiconductor
Part # TC7739FTG
Download  TC7739FTG Download
File Size   906.83 Kbytes
Page   39 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description System power IC

TC7739FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7739FTG Datasheet PDF - Toshiba Semiconductor

Part # TC7739FTG
Download  TC7739FTG Click to download

File Size   906.83 Kbytes
Page   39 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description System power IC

TC7739FTG Datasheet (HTML) - Toshiba Semiconductor


TC7739FTG Product details

2. Features
• AVCC input voltage range: 4.5V to 5.5V
• DCDC converter (CH1 and CH2)
Power voltage
range
Output voltage
(*1) Output current
CH1 3.6V to 5.5V 1.05V 2A
CH2 4.3V to 5.5V 3.3V 2A
4.0V to 5.5V 3.3V 300mA
 Synchronous Current Mode Buck Converters
 Output current 2A and more
 Operation frequency: 2 MHz(CH1),1.5 MHz(CH2)
 Output voltage accuracy: ±1%@Ta=25°C
±2%@Ta=-40°C to 85°C
 Output voltage ripple: 20mVp-p or less (recommended components use)
 Built in Discharge circuit
 Built in Soft Start function
 Load regulation 0.5%
 Line regulation 0.5%
 Built in Over Voltage Protection (OVP)
 Built in Under Voltage Protection (UVP)
 Built in Over Current Limitation (OCL)
 Widely current range support by PFM/PWM auto switching
• LDO(CH3 to CH6)
Power supply
voltage range
Output voltage
(*1) Output current
CH3 1.630V to 2.057V 1.15V 0.7A
CH4 1.630V to 2.057V 1.50V 0.6A
CH5 1.95V to 5.50V 1.80V 0.2A
CH6 3.60V to 5.50V 3.30V 0.06A
 Output voltage accuracy: ±1%@Ta=25°C
±2%@Ta=-40°C to 85°C
 Built in Discharge circuit
 Built in Soft Start function
 Load regulation 0.5%
 Line regulation 0.5%
 Built in Over Voltage Protection (OVP)
 Built in Under Voltage Protection (UVP)
 Built in Over Current Limitation (OCL)
• Load switch (CH7)
 Rds(on): 62mΩ(Typ.)
 Built in Discharge circuit
 Built in Soft Start function
 Built in Under Voltage Protection (UVP)
 Built in Over Current Limitation (OCL)
• Reset voltage output function
Detection voltage: 3.6V±90mV
Recovery voltage: 3.7V±93mV
Output delay time after detecting voltage: 10μs(Typ.)
Output delay time after recovering voltage: 60μs(Typ.)
• Output parameters can be changed by I2C control.
• Other system protection: Thermal Shutdown (TSD), Under Voltage Lock Out (UVLO)
• Package: P-VQFN32-0505-0.50-001
• Application: Tablet PC, portable devices




Similar Part No. - TC7739FTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC773.3MCTTR MICROCHIP-TC773.3MCTTR Datasheet
374Kb / 22P
Thermal Sensor with SPI Interface
2002
TC773.3MOA MICROCHIP-TC773.3MOA Datasheet
374Kb / 22P
Thermal Sensor with SPI Interface
2002
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
Power Management System IC
2015-6-5
TC7735FTG TOSHIBA-TC7735FTG Datasheet
1Mb / 36P
System power management IC for TFT / low-temperature polysilicon liquid crystal display
2014-09-25
TC7738WBG TOSHIBA-TC7738WBG Datasheet
1Mb / 48P
System Power IC
2016-11-17
More results


Similar Description - TC7739FTG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
Cellular/PCS System Power Management IC
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
Power management system IC
08-Jul-2009
logo
Texas Instruments
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
System Power Measurement IC with PMBus?
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
Power management system IC
08-Jul-2009
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
logo
Texas Instruments
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
System Power-Path Management IC
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
System Power Measurement IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
Power Management System IC
2015-6-5
TC7738WBG TOSHIBA-TC7738WBG Datasheet
1Mb / 48P
System Power IC
2016-11-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com