Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC78B015FTG Datasheet (PDF) - Toshiba Semiconductor

TC78B015FTG Datasheet PDF - Toshiba Semiconductor
Part # TC78B015FTG
Download  TC78B015FTG Download
File Size   596.64 Kbytes
Page   31 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-phase Driver for Brushless DC Motors

TC78B015FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC78B015FTG Datasheet PDF - Toshiba Semiconductor

Part # TC78B015FTG
Download  TC78B015FTG Click to download

File Size   596.64 Kbytes
Page   31 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-phase Driver for Brushless DC Motors

TC78B015FTG Datasheet (HTML) - Toshiba Semiconductor


TC78B015FTG Product details

The TC78B015FTG is for three-phase full-wave brushless DC
motor with 150-degree trapezoid PWM chopper system. They
control motor rotational speed by changing the PWM duty, based
on the speed control input. Hall signal is supported to one sensor
for the TC78B015FTG.

Features
• Three-phase full wave drive
• 150-degree trapezoid PWM chopper system
• Soft switching
• Hall amplifier (hall element / hall IC):
1-sensor drive
• Power supply: absolute maximum voltage: 25 V
• Output current: absolute maximum current: 3 A
• Selectable rotational speed command input signal:
Pulse duty signal input/analog voltage input/PWM signal input
• Selectable PWM frequency
• Adjustable minimum duty in PWM control
• Adjustable speed ratio in PWM control
• Selectable lead angle control function: Auto lead angle function/External lead angle control (32 steps correspond
to 0 to 58°)
• Selectable rotation direction
• Brake function terminal
• Selectable lock detection function
• Restart function
• Rotation frequency signal (FG_OUT):
1 pulse/ electrical angle 360°, 2/3 pulse/ electrical angle 360°, 1/2 pulse/ electrical angle 360°,
1/3 pulse/ electrical angle 360°
• Lock detection signal (LD_OUT)
• Power supply voltage monitoring function
• Overcurrent detection circuit (ISD)
• Thermal shutdown circuit (TSD)
• Under voltage lockout circuit (UVLO)
• Current limit circuit
• Adjustable start conditions
• Selectable control function of forced commutation frequency (1-sensor drive).




Similar Part No. - TC78B015FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015BFTG TOSHIBA-TC78B015BFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015CFTG TOSHIBA-TC78B015CFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
More results


Similar Description - TC78B015FTG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
3-Phase Brushless Motor Driver for VCR Capstan Motors
logo
Texas Instruments
UC1620 TI-UC1620 Datasheet
304Kb / 8P
Switchmode Driver for 3-횈 Brushless DC Motors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Toshiba Semiconductor
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015BFTG TOSHIBA-TC78B015BFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015CFTG TOSHIBA-TC78B015CFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com