Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC78B041FNG Datasheet (PDF) - Toshiba Semiconductor

TC78B041FNG Datasheet PDF - Toshiba Semiconductor
Part # TC78B041FNG
Download  TC78B041FNG Download
File Size   664.09 Kbytes
Page   44 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller

TC78B041FNG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC78B041FNG Datasheet PDF - Toshiba Semiconductor

Part # TC78B041FNG
Download  TC78B041FNG Click to download

File Size   664.09 Kbytes
Page   44 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller

TC78B041FNG Datasheet (HTML) - Toshiba Semiconductor


TC78B041FNG Product details

TC78B041FNG and TC78B042FTG are developed for three-phase
brushless DC fan motors.
The TC78B041FNG adopts SSOP30 type package.
The TC78B042FTG adopts QFN32 type package, adding RESX
and VREF2 pins

Features
• Sine-wave PWM control
• Automatic lead angle control (InPAC: Intelligent Phase
Control)
• Lead angle control with external input
• Hall sensor input/Hall IC input
• Forward rotation/Reverse rotation switch
• Number of pulses of rotation pulse signal output is selectable.
• Output current can be limited.
• Built-in regulator circuit (VREF= 5 V (typ.), 35 mA (max))
• Operating supply voltage range: VCC = 6 V to 16.5 V
• Built-in motor lock detection




Similar Part No. - TC78B041FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78B002FNG TOSHIBA-TC78B002FNG Datasheet
945Kb / 27P
TOSHIBA CMOS Integrated Circuit Silicon Monolithic
2013-10-17
TC78B002FTG TOSHIBA-TC78B002FTG Datasheet
765Kb / 27P
Single-phase full-wave drive
TC78B004AFTG TOSHIBA-TC78B004AFTG Datasheet
1Mb / 34P
3-phase Full-wave Sine-wave PWM driving Brushless Motor Controller with Speed Control Function
2019-01-08
TC78B006AFNG TOSHIBA-TC78B006AFNG Datasheet
997Kb / 36P
Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
TC78B006AFTG TOSHIBA-TC78B006AFTG Datasheet
997Kb / 36P
Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
More results


Similar Description - TC78B041FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6551F TOSHIBA-TB6551F Datasheet
230Kb / 18P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6556F TOSHIBA-TB6556F Datasheet
307Kb / 22P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
19-Jan-2005
TB6581H TOSHIBA-TB6581H Datasheet
383Kb / 14P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
12-Mar-2025
TB6581H TOSHIBA-TB6581H_06 Datasheet
584Kb / 15P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6634FNG TOSHIBA-TB6634FNG Datasheet
914Kb / 29P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6551FAG TOSHIBA-TB6551FAG Datasheet
374Kb / 21P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2012-09-28
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com