Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC78H621FNG Datasheet (PDF) - Toshiba Semiconductor

TC78H621FNG Datasheet PDF - Toshiba Semiconductor
Part # TC78H621FNG
Download  TC78H621FNG Download
File Size   397.62 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL-BRIDGE DRIVER IC

TC78H621FNG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC78H621FNG Datasheet PDF - Toshiba Semiconductor

Part # TC78H621FNG
Download  TC78H621FNG Click to download

File Size   397.62 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL-BRIDGE DRIVER IC

TC78H621FNG Datasheet (HTML) - Toshiba Semiconductor


TC78H621FNG Product details

The TC78H621FNG is a dual-bridge driver IC which incorporates
DMOS in output transistors.
The TC78H621FNG is capable of driving 2 DC brushed motors or 1
stepping motor.

Features
• Power supply voltage for motor : VM=18 V(Max)
• Power supply voltage for control : VCC=6 V(Max)
• Output current : IOUT=1.1 A(Max)
• Output ON resistance : Ron(upper and lower sum)=0.8 Ω(Typ.)
• Internal pull-down resistors on inputs : 200 kΩ(Typ.)
• Built-in over current detection(ISD), thermal shutdwon(TSD) circuit, and under voltage lockout(UVLO) circuit.
• Small package : P-TSSOP16-0505-0.65-001
• Built-in cross conduction protection circuit




Similar Part No. - TC78H621FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
DUAL-BRIDGE DRIVER IC
2016-11-28
More results


Similar Description - TC78H621FNG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
logo
Toshiba Semiconductor
TB6561FG TOSHIBA-TB6561FG Datasheet
220Kb / 14P
Dual Full-Bridge Driver IC
logo
Texas Instruments
DRV8843 TI-DRV8843 Datasheet
621Kb / 19P
DUAL H-BRIDGE DRIVER IC
DRV8841 TI1-DRV8841 Datasheet
661Kb / 18P
DUAL H-BRIDGE DRIVER IC
DRV8843 TI-DRV8843_15 Datasheet
910Kb / 20P
DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
logo
Toshiba Semiconductor
TC78H660FNG TOSHIBA-TC78H660FNG Datasheet
637Kb / 26P
Dual H Bridge driver IC
2020-09-08
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
DUAL-BRIDGE DRIVER IC
2016-11-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com