Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC78H660FTG Datasheet (PDF) - Toshiba Semiconductor

TC78H660FTG Datasheet PDF - Toshiba Semiconductor
Part # TC78H660FTG
Download  TC78H660FTG Download
File Size   513.36 Kbytes
Page   26 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual H Bridge driver IC

TC78H660FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC78H660FTG Datasheet PDF - Toshiba Semiconductor

Part # TC78H660FTG
Download  TC78H660FTG Click to download

File Size   513.36 Kbytes
Page   26 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual H Bridge driver IC

TC78H660FTG Datasheet (HTML) - Toshiba Semiconductor


TC78H660FTG Product details

2. Features
• Built-in Dual H Bridge
• PWM controlled constant-current drive
• Power supply operating voltage: 2.5 V to 16.0 V
• Output current ratings: 2.0 A (max)
• Low on-resistance (High + Low side = 0.48 Ω (typ.)) MOSFET output stage
• Built-in Sense resistor less current control architecture (Advanced Current Detection System)
• Multi error detect functions (Thermal shutdown (TSD), Over current (ISD)) and Under voltage lockout(UVLO))
• Error detection (TSD/ISD) flag output function
• Built-in VCC regulator for internal circuit
• Chopping frequency of a motor can be adjusted by external resistor
• Selectable Forward / Reverse / Stop / Brake modes
• Small QFN package with thermal pad (16pin)




Similar Part No. - TC78H660FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78H660FEL TOSHIBA-TC78H660FEL Datasheet
637Kb / 26P
Dual H Bridge driver IC
2020-09-08
TC78H660FNG TOSHIBA-TC78H660FNG Datasheet
637Kb / 26P
Dual H Bridge driver IC
2020-09-08
More results


Similar Description - TC78H660FTG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Texas Instruments
DRV8843 TI-DRV8843 Datasheet
621Kb / 19P
DUAL H-BRIDGE DRIVER IC
DRV8841 TI1-DRV8841 Datasheet
661Kb / 18P
DUAL H-BRIDGE DRIVER IC
logo
HuaXinAn Electronics CO...
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
Dual H-Bridge Motor Driver IC
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8843 TI-DRV8843_15 Datasheet
910Kb / 20P
DUAL H-BRIDGE DRIVER IC
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
Dual H-Bridge Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
TC78H660FNG TOSHIBA-TC78H660FNG Datasheet
637Kb / 26P
Dual H Bridge driver IC
2020-09-08
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com