Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC78S600FNG Datasheet (PDF) - Toshiba Semiconductor

TC78S600FNG Datasheet PDF - Toshiba Semiconductor
Part # TC78S600FNG
Download  TC78S600FNG Download
File Size   1411.97 Kbytes
Page   40 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Stepping Motor Driver IC

TC78S600FNG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC78S600FNG Datasheet PDF - Toshiba Semiconductor

Part # TC78S600FNG
Download  TC78S600FNG Click to download

File Size   1411.97 Kbytes
Page   40 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Stepping Motor Driver IC

TC78S600FNG Datasheet (HTML) - Toshiba Semiconductor


TC78S600FNG Product details

The TC78S600FNG/FTG is a PWM constant-current type stepping motor driver IC designed for sinusoidal-input micro-step control of stepping motors.
The TC78S600FNG/FTG can be used in applications that require 1-2-phase, W1-2-phase, 2W1-2 phase, and 4W1-2 phase excitation modes. The TC78S600FNG/FTG is capable of forward and reverse driving of a 2-phase bipolar stepping motor using only a clock signal

Features
• Motor power supply voltage: VM = 15V (max)
• Control power supply voltage: Vcc = 2.7 to 5.5V (operation range)
• Output current: Iout ≤ 0.8A (max)
• Output ON-resistance: Ron = 1.2Ω (upper and lower sum)
• Decoder that enables micro step control with the clock signal
• Selectable phase excitation modes (1-2, W1-2, 2W1-2, and 4W1-2)
• Internal pull-down resistors on inputs: 200 kΩ (typ.)
• Output monitor pin (MO)
• Over current protection (ISD), Thermal shutdown (TSD) circuit, and Undervoltage lockout (UVLO) circuit.
• Package: SSOP20 and QFN24
• Fast decay: always 12.5%
• Built-in cross conduction protection circuit




Similar Part No. - TC78S600FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78S121FNG TOSHIBA-TC78S121FNG Datasheet
695Kb / 30P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S121FTG TOSHIBA-TC78S121FTG Datasheet
668Kb / 30P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S122FNG TOSHIBA-TC78S122FNG Datasheet
620Kb / 31P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S122FTG TOSHIBA-TC78S122FTG Datasheet
632Kb / 31P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
More results


Similar Description - TC78S600FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
STEPPING MOTOR DRIVER IC
TA8430AF TOSHIBA-TA8430AF Datasheet
348Kb / 10P
STEPPING MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P_07 Datasheet
352Kb / 17P
Stepping Motor Driver IC
logo
Sanyo Semicon Device
LB1935T SANYO-LB1935T_07 Datasheet
124Kb / 6P
Stepping Motor Driver IC
LB1935FA SANYO-LB1935FA Datasheet
216Kb / 4P
Stepping Motor Driver IC
logo
ON Semiconductor
LB1935FA-AH ONSEMI-LB1935FA-AH Datasheet
172Kb / 4P
Stepping Motor Driver IC
June, 2013
LB1909MC-BH ONSEMI-LB1909MC-BH Datasheet
63Kb / 4P
Stepping Motor Driver IC
June, 2013
LB1935FA-BH ONSEMI-LB1935FA-BH Datasheet
172Kb / 4P
Stepping Motor Driver IC
June, 2013
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
Stepping Motor Driver IC
logo
IK Semicon Co., Ltd
IK6502 IKSEMICON-IK6502 Datasheet
1Mb / 16P
Stepping Motor Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com