Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS0072 Datasheet (PDF) - Samsung semiconductor

KS0072 Datasheet PDF - Samsung semiconductor
Part # KS0072
Download  KS0072 Download
File Size   300.91 Kbytes
Page   32 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DOT MATRIX LCD CONTROLLER & DRIVER

KS0072 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS0072 Datasheet PDF - Samsung semiconductor

Part # KS0072
Download  KS0072 Click to download

File Size   300.91 Kbytes
Page   32 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DOT MATRIX LCD CONTROLLER & DRIVER

KS0072 Datasheet (HTML) - Samsung semiconductor


KS0072 Product details

KS0072 is a dot matrix LCD driver & controller LSI which is fabricated by low power CMOS technology. It is capable of displaying 1 line 16 characters or 2 line 8 characters with 5 X 8 dots format.

FEATURES
Internal Memory
    - Character Generator ROM (CGROM) :9600bits (240 characters X 5 X 8 dot)
    - Character Generator RAM (CGRAM) : 160 bits (4 charactersX5X8 dot)
    - Display Data RAM (DDRAM) : 128bits(16 charactersX8bits)
• Low power operation
    - Power supply voltage range : 2.7 ~ 5.5V(VDD)
    - LCD drive voltage range : 3.0 ~ 11.0(VDD-V5)
• CMOS process
• Duty cycle : 1/16
• Built-in oscillator
• Low power consumption
• Internal divide resistor for LCD driving voltage
• Available for COG

FUNCTIONS
Character type dot matrix LCD driver & controller.
• Easy interface with 4-bit or 8-bit MPU.
• Internal driver : 16 common and 40 segment signal output.
• Display character pattern : 5 X 8 dots format (240 kinds)
• Direct programming of the special charactor patherns by character Generator RAM.
• Mask open for programming customer charactor patterns
• Various instruction functions.
• Automatic power on reset.




Similar Part No. - KS0072

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0070 SAMSUNG-KS0070 Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0073 SAMSUNG-KS0073 Datasheet
923Kb / 78P
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results


Similar Description - KS0072

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com