Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2512 Datasheet (PDF) - Advanced Analogic Technologies

AAT2512 Datasheet PDF - Advanced Analogic Technologies
Part # AAT2512
Download  AAT2512 Download
File Size   729.74 Kbytes
Page   20 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Dual 400mA High Frequency Buck Converter

AAT2512 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT2512 Datasheet PDF - Advanced Analogic Technologies

Part # AAT2512
Download  AAT2512 Click to download

File Size   729.74 Kbytes
Page   20 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Dual 400mA High Frequency Buck Converter

AAT2512 Datasheet (HTML) - Advanced Analogic Technologies




Similar Part No. - AAT2512

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
AAT2512IWP-AA-T1 SKYWORKS-AAT2512IWP-AA-T1 Datasheet
1Mb / 19P
Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
More results


Similar Description - AAT2512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9169 VISHAY-SI9169 Datasheet
76Kb / 8P
High Frequency 1-A Synchronous Buck/Boost Converter
19-Apr-04
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
High Frequency 600-mA Synchronous Buck/Boost Converter
19-Apr-04
logo
Anachip Corp
ANP007 ANACHIP-ANP007 Datasheet
238Kb / 11P
Dual Buck Converter
Rev. A.0 Feb. 20, 2003
logo
Advanced Analogic Techn...
AAT2515 ANALOGICTECH-AAT2515 Datasheet
621Kb / 20P
Dual 600mA Fast Transient High Frequency Buck Converter
logo
Sipex Corporation
SP6655ER-L SIPEX-SP6655ER-L Datasheet
207Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
AAT2515 SKYWORKS-AAT2515 Datasheet
1Mb / 20P
Dual 600mA, Fast Transient High Frequency Buck Converter
logo
Linear Technology
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual
logo
Infineon Technologies A...
IRFHM8334TRPBF INFINEON-IRFHM8334TRPBF Datasheet
565Kb / 10P
Control MOSFET for high frequency buck converter
2016-2-23
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com