Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SPN3125CFC Datasheet (PDF) - Toshiba Semiconductor

TC7SPN3125CFC Datasheet PDF - Toshiba Semiconductor
Part # TC7SPN3125CFC
Download  TC7SPN3125CFC Download
File Size   226.01 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer

TC7SPN3125CFC Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7SPN3125CFC Datasheet PDF - Toshiba Semiconductor

Part # TC7SPN3125CFC
Download  TC7SPN3125CFC Click to download

File Size   226.01 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer

TC7SPN3125CFC Datasheet (HTML) - Toshiba Semiconductor


TC7SPN3125CFC Product details

The TC7SPN3125 is an advanced high-speed CMOS 1-bit dual
supply voltage interface bus buffer fabricated with silicon gate
CMOS technology.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
Designed for use as an interface between a 1.2-V, 1.5-V, 1.8-V,
or 2.5-V bus and a 1.8-V, 2.5-V or 3.3-V bus in mixed 1.2-V, 1.5-V,
1.8-V or 2.5-V/1.8-V, 2.5-V or 3.3-V supply systems.
The A-input interfaces with the 1.2-V, 1.5-V, 1.8-V or 2.5-V bus,
the B-output with the 1.8-V, 2.5-V, 3.3-V bus.
The enable input (OE ) can be used to disable the device so
that the signal lines are effectively isolated.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.

Features (Note)
• Level converter for interfacing 1.2-V to 1.8-V, 1.2-V to 2.5-V, 1.2-V to 3.3-V, 1.5-V to 2.5-V, 1.5-V to 3.3-V, 1.8-V
to 2.5-V, 1.8-V to 3.3-V or 2.5 V to 3.3-V system.
• High-speed operation : tpd = 13.7 ns (max) (VCCA = 2.5 ± 0.2 V, VCCB = 3.3 ± 0.3 V)
tpd = 14.8 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V)
tpd = 16.0 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 29 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 18.5 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 19.7 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
tpd = 33 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
tpd = 43 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 1.8 ± 0.15 V)
• Output current : IOHB / IOLB = ±3 mA (min) (VCCB = 3.0 V)
IOHB / IOLB = ±2 mA (min) (VCCB = 2.3 V)
IOHB / IOLB = ±0.5 mA (min) (VCCB = 1.65 V)
• Latch-up performance: -300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model ≥ ±2000 V
• Ultra-small package: CSON6(CST6C)
• Low current consumption : Using the new circuit significantly reduces current consumption when OE = “H”.
Suitable for battery-driven applications such as PDAs and cellular phones.
• Floating A-bus is permitted. (when OE = “H”)
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs.
Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.




Similar Part No. - TC7SPN3125CFC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SPN3125TU TOSHIBA-TC7SPN3125TU Datasheet
224Kb / 10P
Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
More results


Similar Description - TC7SPN3125CFC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SP3125TU TOSHIBA-TC7SP3125TU Datasheet
224Kb / 10P
Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
TC7SPN3125TU TOSHIBA-TC7SPN3125TU Datasheet
224Kb / 10P
Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
TC7WP3125FK TOSHIBA-TC7WP3125FK Datasheet
252Kb / 12P
Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
306Kb / 22P
Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
TC7MPB9307FT TOSHIBA-TC7MPB9307FT Datasheet
255Kb / 13P
Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
TC7SPB9306TU TOSHIBA-TC7SPB9306TU Datasheet
342Kb / 12P
Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
TC7SP3125CFC TOSHIBA-TC7SP3125CFC Datasheet
166Kb / 10P
Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
2009-02-02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com