Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW21R Datasheet (PDF) - Vishay Siliconix

BPW21R Datasheet PDF - Vishay Siliconix
Part # BPW21R
Download  BPW21R Download
File Size   133.69 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon Photodiode

BPW21R Datasheet (PDF)

Go To PDF Page Download Datasheet
BPW21R Datasheet PDF - Vishay Siliconix

Part # BPW21R
Download  BPW21R Click to download

File Size   133.69 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon Photodiode

BPW21R Datasheet (HTML) - Vishay Siliconix


BPW21R Product details

DESCRIPTION
BPW21R is a planar Silicon PN photodiode in a hermetically
sealed short TO-5 case, especially designed for high
precision linear applications.
Due to its extremely high dark resistance, the short circuit
photocurrent is linear over seven decades of illumination
level.
On the other hand, there is a strictly logarithmic correlation
between open circuit voltage and illumination over the same
range.
The device is equipped with a flat glass window with built in
color correction filter, giving an approximation to the
spectral response of the human eye.

FEATURES
• Package type: leaded
• Package form: TO-5
• Dimensions (in mm): Ø 8.13
• Radiant sensitive area (in mm2): 7.5
• High photo sensitivity
• Adapted to human eye responsivity
• Angle of half sensitivity: ϕ = ± 50°
• Hermetically sealed package
• Cathode connected to package
• Flat glass window
• Low dark current
• High shunt resistance
• High linearity
• Compliant to RoHS Directive 2002/95/EC and in
accordance with WEEE 2002/96/EC

APPLICATIONS
• Sensor in exposure and color measuring purposes




Similar Part No. - BPW21R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW21R VISHAY-BPW21R Datasheet
73Kb / 5P
Silicon PN Photodiode
20-May-99
BPW21R VISHAY-BPW21R Datasheet
137Kb / 5P
Silicon Photodiode
08-Sep-08
BPW21R VISHAY-BPW21R Datasheet
137Kb / 5P
Silicon Photodiode
23-Nov-11
BPW21R VISHAY-BPW21R_08 Datasheet
137Kb / 5P
Silicon Photodiode
08-Sep-08
BPW21R VISHAY-BPW21R_11 Datasheet
137Kb / 5P
Silicon Photodiode
23-Nov-11
More results


Similar Description - BPW21R

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
PerkinElmer Optoelectro...
VTP1332 PERKINELMER-VTP1332 Datasheet
279Kb / 2P
SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW20RF VISHAY-BPW20RF_08 Datasheet
140Kb / 5P
Silicon Photodiode
08-Sep-08
BPW21R VISHAY-BPW21R_08 Datasheet
137Kb / 5P
Silicon Photodiode
08-Sep-08
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
BPW21R VISHAY-BPW21R_11 Datasheet
137Kb / 5P
Silicon Photodiode
23-Nov-11
logo
OSRAM GmbH
SFH2440 OSRAM-SFH2440 Datasheet
486Kb / 12P
Silicon Photodiode
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com