Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SG05AFS Datasheet (PDF) - Toshiba Semiconductor

TC7SG05AFS Datasheet PDF - Toshiba Semiconductor
Part # TC7SG05AFS
Download  TC7SG05AFS Download
File Size   266.85 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Inverter (Open Drain)

TC7SG05AFS Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7SG05AFS Datasheet PDF - Toshiba Semiconductor

Part # TC7SG05AFS
Download  TC7SG05AFS Click to download

File Size   266.85 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Inverter (Open Drain)

TC7SG05AFS Datasheet (HTML) - Toshiba Semiconductor


TC7SG05AFS Product details

Features
• High output current: 8 mA (min) at VCC = 3.0 V
• High-speed operation: tpZL = 2.5 ns (typ.)
at VCC = 3.3 V,15pF
• Operating voltage range: VCC = 0.9 to 3.6 V
• 5.5-V tolerant input.
• 3.6-V power down protection output




Similar Part No. - TC7SG05AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results


Similar Description - TC7SG05AFS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
HEX INVERTER OPEN DRAIN
Jun-1999
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
HEX INVERTER OPEN DRAIN
Feb-1993
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
INVERTER (Open Drain)
TC7SZ05F TOSHIBA-TC7SZ05F_09 Datasheet
175Kb / 7P
Inverter (Open Drain)
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
INVERTER (Open Drain)
2009-09-30
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
INVERTER (Open Drain)
2014-03-01
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com