Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SG07AFS Datasheet (PDF) - Toshiba Semiconductor

TC7SG07AFS Datasheet PDF - Toshiba Semiconductor
Part # TC7SG07AFS
Download  TC7SG07AFS Download
File Size   266.76 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Non-Inverter (Open Drain)

TC7SG07AFS Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7SG07AFS Datasheet PDF - Toshiba Semiconductor

Part # TC7SG07AFS
Download  TC7SG07AFS Click to download

File Size   266.76 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Non-Inverter (Open Drain)

TC7SG07AFS Datasheet (HTML) - Toshiba Semiconductor


TC7SG07AFS Product details

Features
• High output current: 8 mA (min) at VCC = 3.0 V
• High-speed operation: tpZL= 2.5 ns (typ.)
at VCC = 3.3 V,15pF
• Operating voltage range: VCC = 0.9 to 3.6 V
• 5.5-V tolerant input.
• 3.6-V power down protection output.




Similar Part No. - TC7SG07AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG07FE TOSHIBA-TC7SG07FE Datasheet
133Kb / 7P
Non-Inverter (Open Drain)
2013-03-01
More results


Similar Description - TC7SG07AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
INVERTER (Open Drain)
TC7SZ07AFS TOSHIBA-TC7SZ07AFS Datasheet
157Kb / 6P
NON-Inverter (Open Drain)
TC7SG07FE TOSHIBA-TC7SG07FE Datasheet
133Kb / 7P
Non-Inverter (Open Drain)
2013-03-01
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
INVERTER (Open Drain)
2009-09-30
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
INVERTER (Open Drain)
2014-03-01
TC7SH07FE TOSHIBA-TC7SH07FE Datasheet
149Kb / 6P
NON-Inverter (Open Drain)
2012-09-20
TC7SH07FS TOSHIBA-TC7SH07FS Datasheet
162Kb / 6P
NON-Inverter (Open Drain)
2014-03-01
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com