Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9329FB Datasheet (PDF) - Toshiba Semiconductor

TC9329FB Datasheet PDF - Toshiba Semiconductor
Part # TC9329FB
Download  TC9329FB Download
File Size   1344.01 Kbytes
Page   83 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Portable Audio DTS Controller (DTS-21)

TC9329FB Datasheet (PDF)

Go To PDF Page Download Datasheet
TC9329FB Datasheet PDF - Toshiba Semiconductor

Part # TC9329FB
Download  TC9329FB Click to download

File Size   1344.01 Kbytes
Page   83 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Portable Audio DTS Controller (DTS-21)

TC9329FB Datasheet (HTML) - Toshiba Semiconductor


TC9329FB Product details

The TC9329FA/FB is a single-chip DTS microcontroller for
portable audio incorporating 230 MHz prescaler, PLL, and LCD
driver. In addition to a 20 bit IF counter, 6 bit A/D converter,
serial interface, and buzzer function, the device supports an
interrupt function, 8 bit timer/counter, and 8 bit pulse counter.
The LCD driver features built-in 1/4 duty, 1/2 bias and a 3 V
voltage doubler boosting circuit, implementing stable LCD. The
power supply voltage ranges from 0.9 to 1.8 V. Because of its
low-current consumption (CPU: 80 µA (max)), the device is
suitable for use in digital tuning systems in portable equipment
such as headphone stereos.

Features
• CMOS DTS microcontroller LSI with built-in 230 MHz
prescaler, PLL, and LCD driver
• Operating voltage: VDD = 0.9~1.8 V (typ.: 1.5 V)
• Current dissipation:
When CPU in operation: IDD = 40 µA typ.
When PLL in operation: IDD = 6 mA typ. (VHF mode)
• Operating temperature range: Ta = −10~60°C
• Program memory (ROM): 16 bit × 4096 steps
• Data memory (RAM): 4 bit × 256 words
• Instruction execution time: With crystal oscillator: 40 µs
With CR oscillator: 6 µs (at 1 MHz, VDD = 1.1~1.8 V)
• Crystal oscillator frequency: 75 kHz
• Stack level: 8
• General-purpose IF counter: 20 bit (CMOS input supported)
• A/D converter: 6 bit × 4-channel
• LCD driver: 1/4 duty, 1/2 bias, 72 segments (max)
• I/O port: CMOS I/O ports: 12
N-channel open drain I/O ports: 16 (max)
Output-only port: 1
Input-only ports: 3 (max)
• Timer/counter: 8 bit (as timer clock: INTR1/INTR2, instruction cycle: 1 kHz selectable)
• Pulse counter: 8 bit up/down counter (input via INTR2 pin)
• Buzzer: Built-in four mode: 0.625~3 kHz (8 types), Continuous, Single-Shot,
10 Hz Intermittent, or 10 Hz Intermittent 1 Hz Interval
• Interrupts: 2 external, 2 internal (serial interface, 8 bit timer)
• Package: QFP-64 (0.5 mm/0.65 mm pitch, 1.4 mm thick)




Similar Part No. - TC9329FB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9329AFAG TOSHIBA-TC9329AFAG Datasheet
1Mb / 83P
Portable Audio DTS Controller (DTS-21)
TC9329AFCG TOSHIBA-TC9329AFCG Datasheet
1Mb / 83P
Portable Audio DTS Controller (DTS-21)
More results


Similar Description - TC9329FB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
SINGLECHIP DTS MICRO CONTROLLER
TC9308AF-022 TOSHIBA-TC9308AF-022 Datasheet
120Kb / 3P
DTS MICRO CONTROLLER
TC9308AF-028 TOSHIBA-TC9308AF-028 Datasheet
117Kb / 3P
DTS MICRO CONTROLLER
TC9316F-001 TOSHIBA-TC9316F-001 Datasheet
128Kb / 3P
DTS MICRO CONTROLLER
TC9328AF TOSHIBA-TC9328AF Datasheet
1Mb / 84P
Portable Audio DTS Controller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
Single Chip DTS Microcontroller (DTS-21)
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
DTS Microcontroller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
Portable Audio DTS Controller (DTS-21)
TC9329AFAG TOSHIBA-TC9329AFAG Datasheet
1Mb / 83P
Portable Audio DTS Controller (DTS-21)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
Single-Chip DTS Microcontroller (DTS-21)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com