Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC94A70FG Datasheet (PDF) - Toshiba Semiconductor

TC94A70FG Datasheet PDF - Toshiba Semiconductor
Part # TC94A70FG
Download  TC94A70FG Download
File Size   168.01 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Single-chip CD-MP3 Processor

TC94A70FG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC94A70FG Datasheet PDF - Toshiba Semiconductor

Part # TC94A70FG
Download  TC94A70FG Click to download

File Size   168.01 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Single-chip CD-MP3 Processor

TC94A70FG Datasheet (HTML) - Toshiba Semiconductor


TC94A70FG Product details

Description
TC94A70FG and TC94A73MFG are highly
integrated, high-performance CD-MP3
solutions that enable playback of CD and
multiple compressed audio formats from a
single chip. Featuring high-quality audio
output in I2S, S/PDIF or analog stereo
formats, the TC94A70FG integrates an RF
amplifier, CD servo, audio DSP, 1 Mbit
SRAM, and a multi-bit DA converter in a
CMOS monolithic IC. To the TC94A70FG
feature set, the TC94A73MFG adds
electronic shock protection (ESP) with
DSP firmware and 16 Mbit DRAM in an
SiP solution. TC94A70FG and
TC94A73MFG are available in standard
ROM versions or can also be customized
to specific customer requirements using
an extensive and growing DSP firmware
library including MP3, WMA, ATRAC CD,
AAC, graphic equalization and popular
surround sound formats. Pin compatibility
between the monolithic TC94A70FG and
the SiP TC94A73MFG minimizes the
engineering investment needed to upgrade
TC94A70FG CD playback designs with ESP.
New product design is further aided by
programmable RAM and macro commands
that simplify CD mechanism playback and
compressed audio tag and file management.
High integration, software customization, and
pin-compatible packages make TC94A70FG
and TC94A73MFG ideal for compressed
audio CD players where low cost, feature
flexibility and time to market are key
selection criteria.

Features
• CD servo and RF head amplifier
• Multi-bit DA converter with 8x oversampling digital filter
• Audio DSP for compressed audio
decoding
• Extensive DSP firmware library
including MP3, WMA, ATRAC CD,
AAC, graphic equalization and various
surround sound formats
• 16 Mbit DRAM and DSP firmware for
ESP (TC94A73MFG only)
• Capable of CD TEXT data decoding
(mode 4)
• Supports CD-DA and CD-R/RW
(up to 4x speed)
• Standard ROM and customized ROM
versions available
• Programmable RAM for software
customization
• 1 Mbit SRAM for data buffering and
file management
• Low current (10 µA max) standby
mode for data storage
• Digital audio interfaces: (1) I2S input
and (1) S/PDIF and (3) I2S outputs
• 4-bit parallel (6 lines) and serial
(4 lines) CPU interfaces
• Power requirements: 3.3V and 1.5V
• Lead(Pb)-free, pin-compatible
LQFP100 packages




Similar Part No. - TC94A70FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A04AF TOSHIBA-TC94A04AF Datasheet
565Kb / 42P
1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFDG TOSHIBA-TC94A04AFDG Datasheet
702Kb / 42P
1 chip Audio Digital Processor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
1 chip Audio Digital Processor
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
Single-Chip CD Processor with Built-in Controller
15-Oct-2001
More results


Similar Description - TC94A70FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
CD SINGLE-CHIP PROCESSOR
19-Mar-1999
TC9283F TOSHIBA-TC9283F Datasheet
743Kb / 16P
CD SINGLE-CHIP PROCESSOR
19-Mar-1999
logo
Cirrus Logic
CS7410 CIRRUS-CS7410 Datasheet
366Kb / 39P
CD/MP3/WMA Audio Controller
logo
Samsung semiconductor
S5L9276 SAMSUNG-S5L9276 Datasheet
182Kb / 50P
OPTICAL CD MP3 SYSTEM
S5L9274 SAMSUNG-S5L9274 Datasheet
241Kb / 36P
DECODER FOR CD-MP3/CD-ROM
logo
Toshiba Semiconductor
TC94A23F TOSHIBA-TC94A23F Datasheet
219Kb / 20P
Single-chip CD Processor with Built-in Controller
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
Single-Chip CD Processor with Built-in Controller
15-Oct-2001
TC94A39FAG TOSHIBA-TC94A39FAG Datasheet
274Kb / 20P
Single-Chip CD Processor with Built-in Controller (CD-DX)
logo
Rohm
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
NXP Semiconductors
SAF784X NXP-SAF784X Datasheet
412Kb / 93P
One chip CD audio device with integrated MP3/WMA decoder
Rev. 02 - 9 May 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com