Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD1201DG Datasheet (PDF) - Toshiba Semiconductor

TCD1201DG Datasheet PDF - Toshiba Semiconductor
Part # TCD1201DG
Download  TCD1201DG Download
File Size   461.27 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)

TCD1201DG Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD1201DG Datasheet PDF - Toshiba Semiconductor

Part # TCD1201DG
Download  TCD1201DG Click to download

File Size   461.27 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)

TCD1201DG Datasheet (HTML) - Toshiba Semiconductor


TCD1201DG Product details

The TCD1201DG is a high sensitive and low dark current
2048−elements linear image sensor. The sensor can be used for POS
handscanner.
The device is operated by only 5V power supply, and mounted in 22−pin
cerdip package with hermetic sealed optical glass window

FEATURES
z Number of Image Sensing Elements : 2048
z Image Sensing Element Size : 14µm by 200µm on 14µm centers
z Photo Sensing Region : High sensitive and low dark current
pn photodiode
z Clock : 2 phase (5V)
z Package : 22 pin cerdip




Similar Part No. - TCD1201DG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1201D TOSHIBA-TCD1201D Datasheet
410Kb / 12P
CCD LINEAR IMAGE SENSOR
More results


Similar Description - TCD1201DG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2561D TOSHIBA-TCD2561D Datasheet
264Kb / 16P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD1709D TOSHIBA-TCD1709D Datasheet
222Kb / 13P
TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD1706D TOSHIBA-TCD1706D Datasheet
208Kb / 11P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
2001-02-22
TCD1706DG TOSHIBA-TCD1706DG Datasheet
261Kb / 11P
TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
2004-03-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com