Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCK2297XG Datasheet (PDF) - Toshiba Semiconductor

TCK2297XG Datasheet PDF - Toshiba Semiconductor
Part # TCK2297XG
Download  TCK2297XG Download
File Size   564.08 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2A, 25mΩ Load Switch IC with Slew Rate Control Driver

TCK2297XG Datasheet (PDF)

Go To PDF Page Download Datasheet
TCK2297XG Datasheet PDF - Toshiba Semiconductor

Part # TCK2297XG
Download  TCK2297XG Click to download

File Size   564.08 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2A, 25mΩ Load Switch IC with Slew Rate Control Driver

TCK2297XG Datasheet (HTML) - Toshiba Semiconductor


TCK2297XG Product details

The TCK2292xG and TCK2297xG are load switch ICs for power management with slew rate control driver featuring wide input
voltage operation from 1.1 to 5.5 V. Switch ON resistance is only 25 mΩ
typical at 5.0 V, -0.5 A load condition and these feature a slew rate control
driver. TCK2292xG has output auto-discharge function. Output current
type is available on 2 A.
These devices are available in 0.4 mm pitch ultra small package
WCSP6E (0.8 mm x 1.2 mm, t: 0.55 mm) .Thus they are ideal for portable
applications that require high-density board assembly such as cellular
phone.

Feature
 Wide input voltage operation: VIN = 1.1 to 5.5 V
 Low ON resistance:
RON = 25 mΩ (typ.) at VIN = 5.0 V, IOUT = -0.5 A
RON = 31 mΩ (typ.) at VIN = 3.3 V, IOUT = -0.5 A
RON = 52 mΩ (typ.) at VIN = 1.8 V, IOUT = -0.5 A
RON = 104 mΩ (typ.) at VIN = 1.2 V, IOUT = -0.5 A
 Low Quiescent Current: IQ = 0.1 μA (typ.) at IOUT = 0 mA(TCK22921G, TCK22971G)
 Slew Rate Control circuit
 Output auto-discharge (Option)
 Reverse current blocking (VIN = 0 V)
 Pull down connection between Control and GND(Option)
 Ultra small package: WCSP6E (0.8mm x 1.2mm, t: 0.55mm)




Similar Part No. - TCK2297XG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK22910G TOSHIBA-TCK22910G Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
TCK22911G TOSHIBA-TCK22911G Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
TCK22912G TOSHIBA-TCK22912G Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
TCK22913G TOSHIBA-TCK22913G Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
More results


Similar Description - TCK2297XG

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
Load Switch with Controlled Slew Rate
logo
Unisonic Technologies
US205 UTC-US205 Datasheet
201Kb / 5P
100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
logo
Richtek Technology Corp...
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
logo
Toshiba Semiconductor
TCK107G TOSHIBA-TCK107G Datasheet
280Kb / 11P
1.0 A Load Switch IC with Slew Rate Control Driver in Ultra Small Package
logo
Unisonic Technologies
US205 UTC-US205_15 Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
1A Load Switch IC with Slew Rate Control Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com