Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM9001MD Datasheet (PDF) - Toshiba Semiconductor

TCM9001MD Datasheet PDF - Toshiba Semiconductor
Part # TCM9001MD
Download  TCM9001MD Download
File Size   722.49 Kbytes
Page   40 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1/10” VGA size Camera Module

TCM9001MD Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM9001MD Datasheet PDF - Toshiba Semiconductor

Part # TCM9001MD
Download  TCM9001MD Click to download

File Size   722.49 Kbytes
Page   40 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1/10” VGA size Camera Module

TCM9001MD Datasheet (HTML) - Toshiba Semiconductor


TCM9001MD Product details

Features
General
• Input Clock : 9.0 to 26MHz (with PLL, selectable)
• Frame rate : 30fps (max.) @VGA output
• Data formats : YUV422/RAW
• Output format : Parallel output
• Power supply : Analog 2.8V -/+ 0.2V
Digital 1.8V -/+ 0.1V
I/O 1.8V -/+0.1V or 2.8V -/+0.2V
• Operating temperature : -20 to +60 degree C
• Storage temperature : -30 to +85 degree C
Sensor
• Optical format : 1/10 inch
• Effective pixel numbers : 648(H) x 492(V)
• Pixel pitch : 2.2μm(H) x 2.2μm(V) (square pixel)
• Image area size : 1425.6μm(H) x 1082.4μm(V)
• Color filter : Primary color filter, Bayer arrangement
• Image sizer and window of interest (QVGA, QQVGA)
• Picture flip (Horizontal flip and Vertical flip)
• Picture effects (monochrome, negative, sepia, sketch, emboss)
• Fixed output format (VGA, QVGA, QQVGA)
• Auto luminance control (=Auto exposure)
• Auto white balance
• Blemish correction
• Auto flicker detection and correction
• Gamma correction
• Lens shading correction
• Power down mode for low power consumption




Similar Part No. - TCM9001MD

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM9-1 MINI-TCM9-1 Datasheet
256Kb / 1P
RF Transformer
TCM9-1+ MINI-TCM9-1+ Datasheet
256Kb / 1P
RF Transformer
More results


Similar Description - TCM9001MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
logo
Samsung semiconductor
S5X713CX03 SAMSUNG-S5X713CX03 Datasheet
606Kb / 29P
1/7 OPTICAL SIZE 352x288(CIF) CAMERA MODULE
SX5433M14X SAMSUNG-SX5433M14X Datasheet
260Kb / 17P
1/4 Optical Size 640x480 (VGA) CIS Camera Module
SX5437M21X SAMSUNG-SX5437M21X Datasheet
266Kb / 18P
1/4 Optical Size 640x480(VGA) CIS Camera Module
logo
STMicroelectronics
VL6524 STMICROELECTRONICS-VL6524 Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
VS6555 STMICROELECTRONICS-VS6555 Datasheet
456Kb / 7P
Ultra small reflowable VGA camera module
18-Jan-2007
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
VGA CAMERA MODULE
logo
STMicroelectronics
VS6525 STMICROELECTRONICS-VS6525 Datasheet
195Kb / 6P
VGA single-chip camera module
12-Jan-2007
IMG-524-P01 STMICROELECTRONICS-IMG-524-P01 Datasheet
63Kb / 3P
VGA Mobile Camera Module
Feb-2005
logo
Agilent(Hewlett-Packard...
ADCM-2650-0001 HP-ADCM-2650-0001 Datasheet
152Kb / 3P
Portrait VGA Resolution CMOS Camera Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com