Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR15AG Datasheet (PDF) - Toshiba Semiconductor

TCR15AG Datasheet PDF - Toshiba Semiconductor
Part # TCR15AG
Download  TCR15AG Download
File Size   404.74 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator

TCR15AG Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR15AG Datasheet PDF - Toshiba Semiconductor

Part # TCR15AG
Download  TCR15AG Click to download

File Size   404.74 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator

TCR15AG Datasheet (HTML) - Toshiba Semiconductor


TCR15AG Product details

The TCR15AG series are CMOS single output voltage regulators with an
on/off control input, featuring Ultra low dropout voltage, low inrush current
and fast load transient response.
These voltage regulators are available in fixed output voltage type from
0.65 V to 3.6 V and adjustable output voltage type from 0.60 V to 3.6 V and
capable of driving up to 1.5 A.
Other features include Overcurrent protection, Thermal shutdown, Inrush
current reduction, Under voltage lockout and Auto-discharge.
The TCR15AG series are offered in the ultra-small package WCSP6F (0.8
mm x 1.2 mm (typ.), t: 0.33 mm (max))
As small ceramic input and output capacitors can be used with
the TCR15AG series, these device are ideal for portable applications
that require high-density board assembly such as cellular phones.

Features
• Low Drop-Out voltage
• Wide range Output Voltage (Fixed Output Voltage 0.65 V to 3.6 V ,Adjustable Output Voltage 0.6 V to 3.6 V)
• Fast load transient response -100 / +115 mV (typ.)@ 0.01 A⇔1.5 A, COUT = 4.7 μF
• High Ripple rejection ratio 95 dB (typ.)@1 kHz
• Overcurrent protection
• Thermal shutdown
• Auto-discharge
• Inrush current reduction
• Output voltage soft start
• Under voltage lockout
• Pull down connection between CONTROL and GND
• Ultra Small package WCSP6F (0.8 mm x 1.2 mm (typ.), t: 0.33 mm (max))
• Stable with over 4.7 μF Input capacitor, 1.0 μF Bias capacitor and 4.7 μF output ceramic capacitor




Similar Part No. - TCR15AG

ManufacturerPart #DatasheetDescription
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
1.3 A CMOS Ultra Low Dropout Regulator
More results


Similar Description - TCR15AG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 SII-S-T111 Datasheet
238Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com