Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLA185 Datasheet (PDF) - Murata Manufacturing Co., Ltd

LLA185 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # LLA185
Download  LLA185 Download
File Size   138.16 Kbytes
Page   1 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description MURATA Low ESL Ceramic Chip Capacitors

LLA185 Datasheet (PDF)

Go To PDF Page Download Datasheet
LLA185 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # LLA185
Download  LLA185 Click to download

File Size   138.16 Kbytes
Page   1 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description MURATA Low ESL Ceramic Chip Capacitors

LLA185 Datasheet (HTML) - Murata Manufacturing Co., Ltd


LLA185 Product details

Features:
• Low ESL: 80 to 120pH. Suitable for high speed (800MHz to 4GHz) IC decoupling.
• Operating Temperature: X7R: -55°C to 125°C w/ a ±15% cap change over temperature range.
X7S: -55°C to 125°C w/ a ±22% cap change over temperature range.

Features:
• Low ESL: 35 to 45pH. Suitable for high speed (1GHz to 4GHz) IC decoupling.
• Operating Temperature: X7R: -55°C to 125°C w/ a ±15% cap change over temperature range.
X7S: -55°C to 125°C w/ a ±22% cap change over temperature range.




Similar Part No. - LLA185

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LLA185 MURATA-LLA185 Datasheet
132Kb / 8P
Chip Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
LLA185C70G104MA01 MURATA1-LLA185C70G104MA01 Datasheet
182Kb / 2P
Ceramic Capacitors(SMD)
11/21/2022
LLA185C70G104MA01 MURATA1-LLA185C70G104MA01 Datasheet
1Mb / 28P
Ceramic Capacitors(SMD)
Jan.11,2024
LLA185C70G104MA01-01A MURATA1-LLA185C70G104MA01-01A Datasheet
1Mb / 28P
Ceramic Capacitors(SMD)
Jan.11,2024
LLA185C70G104MA01L MURATA1-LLA185C70G104MA01L Datasheet
182Kb / 2P
Ceramic Capacitors(SMD)
11/21/2022
More results


Similar Description - LLA185

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LLL153C70G474ME17 MURATA-LLL153C70G474ME17 Datasheet
777Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
LLL216R71H103MA01 MURATA-LLL216R71H103MA01 Datasheet
774Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
LLL185C70J105ME14 MURATA-LLL185C70J105ME14 Datasheet
777Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
LLL219R71A105MA01 MURATA-LLL219R71A105MA01 Datasheet
776Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
LLL1U4R60G435ME22 MURATA-LLL1U4R60G435ME22 Datasheet
793Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
LLL185C70G225ME01 MURATA-LLL185C70G225ME01 Datasheet
775Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
LLL185R71A224MA01 MURATA-LLL185R71A224MA01 Datasheet
772Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
LLL216R71H223MA01 MURATA-LLL216R71H223MA01 Datasheet
774Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
LLL315R71C473MA11 MURATA-LLL315R71C473MA11 Datasheet
776Kb / 25P
LW Reversed Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
logo
Murata Manufacturing Co...
GA342D MURATA1-GA342D Datasheet
205Kb / 1P
MURATA Safety Rated Ceramic Chip Capacitors
2012
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com