Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62382APG Datasheet (PDF) - Toshiba Semiconductor

TD62382APG Datasheet PDF - Toshiba Semiconductor
Part # TD62382APG
Download  TD62382APG Download
File Size   338.55 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8CH LOW INPUT ACTIVE SINK DRIVER

TD62382APG Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62382APG Datasheet PDF - Toshiba Semiconductor

Part # TD62382APG
Download  TD62382APG Click to download

File Size   338.55 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8CH LOW INPUT ACTIVE SINK DRIVER

TD62382APG Datasheet (HTML) - Toshiba Semiconductor


TD62382APG Product details

The TD62382APG / AFG are non−inverting transistor array
which are comprised of eight Low saturation output stages and
PNP input stages.
This device is low level input active driver and is suitable for
operation with TTL, 5 V CMOS and 5 V Microprocessor which
have sink current output drivers.
Applications include relay, hammer, lamp and LED display
drivers.
This devices are a product for the Pb free(Sn-Ag).

FEATURES
-Low saturation output 0.23 V MAX. @IOUT = 40 mA MAX.
-Output rating 50 V MIN. / 50 mA MAX.
-Input compatible with TTL and 5 V CMOS
-Low level active inputs
-Standard supply voltage
-Package type−APG : DIP−18 pin
-Package type−AFG : SOP−18 pin




Similar Part No. - TD62382APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62382AP TOSHIBA-TD62382AP Datasheet
245Kb / 7P
8CH LOW INPUT ACTIVE SINK DRIVER
More results


Similar Description - TD62382APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62381FN TOSHIBA-TD62381FN Datasheet
202Kb / 5P
8CH LOW SATURATION SINK DRIVER
TD62381P TOSHIBA-TD62381P Datasheet
252Kb / 7P
8CH LOW SATURATION SINK DRIVER
TD62382AFN TOSHIBA-TD62382AFN Datasheet
206Kb / 5P
8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62382AP TOSHIBA-TD62382AP Datasheet
245Kb / 7P
8CH LOW INPUT ACTIVE SINK DRIVER
TD62383P TOSHIBA-TD62383P Datasheet
188Kb / 5P
8CH LOW INPUT ACTIVE SINK DRIVER
TD62387AFN TOSHIBA-TD62387AFN Datasheet
259Kb / 7P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com