Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62C950RF Datasheet (PDF) - Toshiba Semiconductor

TD62C950RF Datasheet PDF - Toshiba Semiconductor
Part # TD62C950RF
Download  TD62C950RF Download
File Size   482.87 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 40BIT SHIFT REGISTER /LATCHES DRIVER (RIGHT SHIFT)

TD62C950RF Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62C950RF Datasheet PDF - Toshiba Semiconductor

Part # TD62C950RF
Download  TD62C950RF Click to download

File Size   482.87 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 40BIT SHIFT REGISTER /LATCHES DRIVER (RIGHT SHIFT)

TD62C950RF Datasheet (HTML) - Toshiba Semiconductor


TD62C950RF Product details

FEATURES
Low Power Consumption
• High Speed Operation : fcK = 4MHz
• High Voltage Output : 70V
Push/Pull Output : -40mA/ +2mA
40bit Shift Register/Latches/Outputs
. Both Right-direction Shift type (RF) and Left-direction
type (LF) are available.
• CMOS Interface
• Compact 60 Leads Plastic Package




Similar Part No. - TD62C950RF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62C805 TOSHIBA-TD62C805 Datasheet
369Kb / 12P
48BIT THERMAL HEAD DRIVER
TD62C805F TOSHIBA-TD62C805F Datasheet
369Kb / 12P
48BIT THERMAL HEAD DRIVER
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C851PG TOSHIBA-TD62C851PG Datasheet
573Kb / 13P
8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
TD62C852P TOSHIBA-TD62C852P Datasheet
332Kb / 10P
8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results


Similar Description - TD62C950RF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
8-bit shift register with input latches
December 1990
logo
Toshiba Semiconductor
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595 Datasheet
83Kb / 9P
8-Bit Shift Register with Output Latches
logo
Microsemi Corporation
TSC375 MICROSEMI-TSC375 Datasheet
676Kb / 4P
Shift Register
logo
National Semiconductor ...
MM74C95 NSC-MM74C95 Datasheet
108Kb / 4P
4-Bit Right-Shift Left-Shift Register
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
8-Bit Shift Register with Output Latches
logo
Toshiba Semiconductor
TB62706BN TOSHIBA-TB62706BN_06 Datasheet
479Kb / 16P
16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com