Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THNCF128MDG Datasheet (PDF) - Toshiba Semiconductor

THNCF128MDG Datasheet PDF - Toshiba Semiconductor
Part # THNCF128MDG
Download  THNCF128MDG Download
File Size   322.05 Kbytes
Page   44 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CompactFlash™ Card

THNCF128MDG Datasheet (PDF)

Go To PDF Page Download Datasheet
THNCF128MDG Datasheet PDF - Toshiba Semiconductor

Part # THNCF128MDG
Download  THNCF128MDG Click to download

File Size   322.05 Kbytes
Page   44 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CompactFlash™ Card

THNCF128MDG Datasheet (HTML) - Toshiba Semiconductor


THNCF128MDG Product details

DESCRIPTION
The THNCFxxxxDG series CompactFlash™ card is a flash technology based on ATA interface flash memory card.
It is constructed with flash disk controller chip and NAND-type flash memory device. The CompactFlash™ card
operates in both 5-Volt and 3.3-Volt power supplies. It comes in capacity of 128, 256, 512MB and 1GB unformatted
for type-I card. Emulating IDE hard disk drives and being certified in accordance with the CompactFlash™
Certification Plan it is a perfect choice of solid-state mass-storage cards for battery backup handheld devices such as
Digital Camera, Audio Player, PDA, or industrial application, or the applications that require high environment
tolerance with high performance sustained write speed.

FEATURES
• CompactFlash™ Compatibility
• 3.3V or 5.0V single power supply.
• 50 pin two piece connector with Type-I form factor (3.3mm Thick)
• Support for CIS implemented with 256 bytes of attribute memory
• Interface modes
• PC card memory mode
• PC card I/O mode
• True IDE mode
• High performance
• Interface Transfer speed at PIO mode 4 cycle timing, 16.6 Mbytes/second theoretically
• Sustained write : max 6.0 Mbytes/s in ATA PIO mode 4 cycle timing
• Sustained read : max 6.5 Mbytes/s in ATA PIO mode 4 cycle timing
• Single +5 V or 3.3 V power supply and automatic power management.

Notes: CompactFlash™ is a trademark of SanDisk Corporation and is licensed royalty-free to the CFA, which in turn will license it
royal-free to CFA members.
CFA: CompactFlash™ Association.




Similar Part No. - THNCF128MDG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF128MAA TOSHIBA-THNCF128MAA Datasheet
461Kb / 52P
CompactFlash Card
THNCF128MBA TOSHIBA-THNCF128MBA Datasheet
526Kb / 48P
The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
THNCF128MBAI TOSHIBA-THNCF128MBAI Datasheet
526Kb / 48P
The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
THNCF128MMA TOSHIBA-THNCF128MMA Datasheet
501Kb / 47P
The THNCFxxxxMA series CompactFlash card is a flash technology based with ATA interface flash memory card
20-Oct-2002
More results


Similar Description - THNCF128MDG

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100 SST-SST55LC100 Datasheet
759Kb / 80P
CompactFlash Card Controller
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
CompactFlash Card Controller
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
300X CompactFlash Card
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
80X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
600X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
CompactFlash Memory Card
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com