Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1319573 Datasheet (PDF) - PHOENIX CONTACT

1319573 Datasheet PDF - PHOENIX CONTACT
Part # 1319573
Download  1319573 Download
File Size   498.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description LED enclosure light - PLD E 409 W 350 MS

1319573 Datasheet (PDF)

Go To PDF Page Download Datasheet
1319573 Datasheet PDF - PHOENIX CONTACT

Part # 1319573
Download  1319573 Click to download

File Size   498.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description LED enclosure light - PLD E 409 W 350 MS

1319573 Datasheet (HTML) - PHOENIX CONTACT


1319573 Product details

LED enclosure light, 24 V AC/DC ... 240 V AC/DC, length: 350 mm, degree of protection: IP20,
can be swiveled (±90° swivel range), with motion detector, including mounting accessories

Product Description
The LED light is designed to illuminate the interior of control cabinets. The prismatic integrated into the light cover ensures optimum illumination of
the control cabinet. You can use magnets or screws to affix the light holder. The light can swivel in the holder. Connect the supply voltage to the
light via Push-in connection. You do not require special connectors for this. You can connect several lights in succession. A button is used to switch
the light on and off.

Your advantages
• LED service life of 50,000 h (L70 value) prevents bulb replacement
• Series connection reduces cabling effort for control cabinets arranged in series
• Swiveling enables optimum adjustment to the relevant control cabinet depth
• Optimum lighting of the control cabinet, thanks to integrated prismatics and capacity to swivel




Similar Part No. - 1319573

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1319505 ETC2-1319505 Datasheet
81Kb / 1P
SMA JACK TO N PLUG ADAPTER
logo
Winchester Electronics ...
1319505 WINCHESTER-1319505 Datasheet
378Kb / 6P
Between Series Adapters
logo
PHOENIX CONTACT
1319564 PHOENIX-1319564 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 F
Nov 16, 2022
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
LED enclosure light - PLD E 409 W 350
Nov 16, 2022
More results


Similar Description - 1319573

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702221 PHOENIX-2702221 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 250
2702222 PHOENIX-2702222 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 375
2702223 PHOENIX-2702223 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 500
2702224 PHOENIX-2702224 Datasheet
126Kb / 7P
LED enclosure light - PLD E 608 W 265
2702226 PHOENIX-2702226 Datasheet
116Kb / 7P
LED enclosure light - PLD E 608 W 315/F
2702227 PHOENIX-2702227 Datasheet
122Kb / 6P
LED enclosure light - PLD E 608 W 315/B
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
1319564 PHOENIX-1319564 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 F
Nov 16, 2022
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
LED enclosure light - PLD E 409 W 350
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com