Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1117 Datasheet (PDF) - Advanced Power Electronics Corp.

APE1117 Datasheet PDF - Advanced Power Electronics Corp.
Part # APE1117
Download  APE1117 Download
File Size   1099.04 Kbytes
Page   9 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description 1A Low Dropout Positive Adjustable or Fixed-Mode Regulator

APE1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
APE1117 Datasheet PDF - Advanced Power Electronics Corp.

Part # APE1117
Download  APE1117 Click to download

File Size   1099.04 Kbytes
Page   9 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description 1A Low Dropout Positive Adjustable or Fixed-Mode Regulator

APE1117 Datasheet (HTML) - Advanced Power Electronics Corp.


APE1117 Product details

General Description
APE1117 is a low dropout positive adjustable or fixed-mode regulator with minimum of 1A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. APE1117 is also well suited for other applications such as VGA cards. APE1117 is guaranteed to have lower than 1.4V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4V to 12V input supply.

Features
- 1.4V maximum dropout at full load current
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Packages: SOT223, TO252, SOT89,
- Good noise rejection
- 3-Terminal Adjustable or Fixed 1.5V, 1.8V, 1.9V,
   2.5V, 3.3V, 5.0V
- RoHS Compliant

Applications
- PC peripheral
- Communication




Similar Part No. - APE1117

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117AG A-POWER-APE1117AG Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117AG-15 A-POWER-APE1117AG-15 Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117AG-18 A-POWER-APE1117AG-18 Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117AG-19 A-POWER-APE1117AG-19 Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Similar Description - APE1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com