Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD500R65KE3-K Datasheet (PDF) - Infineon Technologies AG

FD500R65KE3-K Datasheet PDF - Infineon Technologies AG
Part # FD500R65KE3-K
Download  FD500R65KE3-K Download
File Size   485.55 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Highly insulated module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode

FD500R65KE3-K Datasheet (PDF)

Go To PDF Page Download Datasheet
FD500R65KE3-K Datasheet PDF - Infineon Technologies AG

Part # FD500R65KE3-K
Download  FD500R65KE3-K Click to download

File Size   485.55 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Highly insulated module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode

FD500R65KE3-K Datasheet (HTML) - Infineon Technologies AG


FD500R65KE3-K Product details

Features
• Electrical features
- VCES = 6500 V
- IC nom = 500 A / ICRM = 1000 A
- Low VCE,sat
• Mechanical features
- AlSiC base plate for increased thermal cycling capability
- Extended storage temperature down to Tstg = -55 °C
- High creepage and clearance distances
- Package with CTI > 600
- Package with enhanced insulation of 10.4 kV AC 60 s




Similar Part No. - FD500R65KE3-K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD500R65KE3T-K INFINEON-FD500R65KE3T-K Datasheet
527Kb / 12P
IGBT-Module
2010-12-13 revision:2.0
More results


Similar Description - FD500R65KE3-K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP40R12KE3 INFINEON-FP40R12KE3 Datasheet
349Kb / 11P
EconoPIM2 module with trench/fieldstop IGBT3 and Emitter Controlled 3 diode
2008-12-16 revision:3.2
FZ1500R33HL3 INFINEON-FZ1500R33HL3 Datasheet
475Kb / 9P
IHM-B module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode
2010-04-26 revision:2.4
FF225R65T3E3 INFINEON-FF225R65T3E3 Datasheet
682Kb / 15P
XHP?? module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.11 2022-04-12
FF450R33T3E3 INFINEON-FF450R33T3E3 Datasheet
778Kb / 15P
XHP?? module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.20 2022-04-06
FF450R33T3E3_B5 INFINEON-FF450R33T3E3_B5 Datasheet
778Kb / 15P
XHP?? module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.20 2022-04-06
FD250R65KE3-K INFINEON-FD250R65KE3-K Datasheet
543Kb / 14P
Highly insulated module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.10 2021-11-05
FZ1200R45KL3_B5 INFINEON-FZ1200R45KL3_B5 Datasheet
445Kb / 15P
Highly insulated module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.10 2021-10-27
FZ250R65KE3 INFINEON-FZ250R65KE3 Datasheet
427Kb / 14P
Highly insulated module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.10 2021-10-27
FZ400R65KE3 INFINEON-FZ400R65KE3 Datasheet
446Kb / 14P
Highly insulated module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.10 2021-10-27
FZ800R45KL3_B5 INFINEON-FZ800R45KL3_B5 Datasheet
481Kb / 15P
Highly insulated module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.20 2022-07-17
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com