Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL001 Datasheet (PDF) - Littelfuse

SPL001 Datasheet PDF - Littelfuse
Part # SPL001
Download  SPL001 Download
File Size   550.86 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES

SPL001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPL001 Datasheet PDF - Littelfuse

Part # SPL001
Download  SPL001 Click to download

File Size   550.86 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES

SPL001 Datasheet (HTML) - Littelfuse


SPL001 Product details

Features/Benefits
• DIN Rail adaptor for 30 A Midget, Class CC and Class G
fuse blocks
• Patented design with no tools necessary for installation
• Permits snap-mounting of 30 A Midget, Class CC and
Class G fuse blocks to standard and low profile 35 mm
symmetrical DIN rails and 32 mm asymmetrical DIN rails
• Easy removal via disconnect tab

Features/Benefits
• 600 V 1⁄10-30 A Class CC and Midget fuse cover puller
that offers increased protection when removing fuses
• Simple removal without the need for a separate puller
• Meets Dead-Front requirements
• Easily gangable with 1⁄ 8" diameter wire
• For use with all 600 V Class CC and Midget 1⁄10-30 A fuses
• Label provided for easy fuse identification
• Available in 1- or 2-pole configurations




Similar Part No. - SPL001

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SPL001 ALPHAWIRE-SPL001 Datasheet
214Kb / 2P
M12 Male to 2X M12 Female Splitter
logo
Littelfuse
SPL001 LITTELFUSE-SPL001 Datasheet
1Mb / 4P
LF Series Fuse Block Covers
Rev: 110413
logo
List of Unclassifed Man...
SPL00121031B ETC2-SPL00121031B Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL00121031MP ETC2-SPL00121031MP Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL00121031RD ETC2-SPL00121031RD Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
More results


Similar Description - SPL001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
Class CC/CD and Midget Fuse Blocks
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
Class CC/CD and Midget Fuse Blocks
logo
Schneider Electric
DFCC3 SCHNEIDER-DFCC3 Datasheet
106Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
Jul 12, 2021
DFCC2 SCHNEIDER-DFCC2 Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
Jul 12, 2021
DFCC1V SCHNEIDER-DFCC1V Datasheet
90Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC, Fuse carrier TeSys DF, 1P 30A, fuse class CC,
Jul 12, 2021
DFCC1 SCHNEIDER-DFCC1 Datasheet
89Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC
Jul 12, 2021
logo
Littelfuse
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
logo
Schneider Electric
DFCC2 SCHNEIDER-DFCC2_V01 Datasheet
106Kb / 3P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
May 30, 2022
DFCC3 SCHNEIDER-DFCC3_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
May 30, 2022
logo
Littelfuse
0SPL0001T LITTELFUSE-0SPL0001T Datasheet
551Kb / 2P
CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com