Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMAX-5051T Datasheet (PDF) - Advantech Co., Ltd.

AMAX-5051T Datasheet PDF - Advantech Co., Ltd.
Part # AMAX-5051T
Download  AMAX-5051T Download
File Size   426.45 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 8-ch DI module (2-ch w/ timestamp, 6-ch w/o timestamp)

AMAX-5051T Datasheet (PDF)

Go To PDF Page Download Datasheet
AMAX-5051T Datasheet PDF - Advantech Co., Ltd.

Part # AMAX-5051T
Download  AMAX-5051T Click to download

File Size   426.45 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 8-ch DI module (2-ch w/ timestamp, 6-ch w/o timestamp)

AMAX-5051T Datasheet (HTML) - Advantech Co., Ltd.


AMAX-5051T Product details

General
ƒƒ Certification CE, FCC class A
ƒƒ Connector Pluggable 4P+8P push-in terminal (#24~16 AWG)
ƒƒ Enclosure PC
ƒƒ Power Consumption 2W@24VDC
ƒƒ Protocol EtherCAT
ƒƒ Transmission Rate 100Mbps
ƒƒ LED Indicator PWR, RUN, DI status




Similar Part No. - AMAX-5051T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-5051T ADVANTECH-AMAX-5051T Datasheet
2Mb / 2P
Intel® Core™ i7/i5/Celeron® Control IPC With EtherCAT Slice IO Expansion
19-Oct-2020
AMAX-5051T ADVANTECH-AMAX-5051T Datasheet
767Kb / 2P
Integrated PC-Based SoftPLC & SoftMotion CODESYS-Ready Edge Controller
23-Dec-2021
More results


Similar Description - AMAX-5051T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
Dual Audio Power Amplifier 6 W × 2 Ch
12-Jul-2004
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
Dual Audio Power Amplifier 6 W 횞 2 Ch
logo
Advantech Co., Ltd.
ADAM-4502 ADVANTECH-ADAM-4502 Datasheet
551Kb / 1P
Ethernet-enabled Communication Controller with 2-ch AI/O and 4-ch DI/O
BAS-3050 ADVANTECH-BAS-3050 Datasheet
526Kb / 1P
8-ch DI, 8-ch DO Expansion Module
logo
List of Unclassifed Man...
CPCI-7252 ETC2-CPCI-7252 Datasheet
407Kb / 2P
8-CH Relay Outputs & 8-CH Isolated DI Cards
PCI-7258 ETC2-PCI-7258 Datasheet
298Kb / 1P
32-CH PhotoMos Relay Outputs & 2-CH Isolated DI Card
logo
Advantech Co., Ltd.
DMU-3010 ADVANTECH-DMU-3010_15 Datasheet
248Kb / 1P
8-ch AI, 8-ch DI, 4-ch DO Ethernet I/O Module
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
logo
Adlink Technology Inc.
PCI-7250 ADLINK-PCI-7250 Datasheet
278Kb / 1P
8-CH Relay Outputs & 8-CH Isolated DI Cards
logo
Advantech Co., Ltd.
AMAX-4850 ADVANTECH-AMAX-4850 Datasheet
405Kb / 1P
16-ch IDI & 8-ch PhotoMOS EtherCAT Remote I/O module
4-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com