Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMAX-5052 Datasheet (PDF) - Advantech Co., Ltd.

AMAX-5052 Datasheet PDF - Advantech Co., Ltd.
Part # AMAX-5052
Download  AMAX-5052 Download
File Size   481.22 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 16-ch Digital Input Module

AMAX-5052 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMAX-5052 Datasheet PDF - Advantech Co., Ltd.

Part # AMAX-5052
Download  AMAX-5052 Click to download

File Size   481.22 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 16-ch Digital Input Module

AMAX-5052 Datasheet (HTML) - Advantech Co., Ltd.


AMAX-5052 Product details

General
ƒƒ Certification CE, FCC class A
ƒƒ Connector Pluggable 6P+12P
push-in terminal
(#28~16 AWG)
ƒƒ Enclosure PC
ƒƒ Power Consumption 2W@24VDC
ƒƒ Protocol EtherCAT
ƒƒ Transmission Rate 100Mbps
ƒƒ LED Indicator PWR, RUN, DI status




Similar Part No. - AMAX-5052

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-5052 ADVANTECH-AMAX-5052 Datasheet
2Mb / 2P
Intel® Core™ i7/i5/Celeron® Control IPC With EtherCAT Slice IO Expansion
19-Oct-2020
AMAX-5052 ADVANTECH-AMAX-5052 Datasheet
767Kb / 2P
Integrated PC-Based SoftPLC & SoftMotion CODESYS-Ready Edge Controller
23-Dec-2021
More results


Similar Description - AMAX-5052

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4053 ADVANTECH-ADAM-4053 Datasheet
706Kb / 1P
16-ch Digital Input Module
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
ADAM-5056 ADVANTECH-ADAM-5056 Datasheet
629Kb / 1P
16-ch Digital Output Module
APAX-5040 ADVANTECH-APAX-5040 Datasheet
301Kb / 1P
24-ch Digital Input Module
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Input Modbus TCP Module
ADAM-3656 ADVANTECH-ADAM-3656 Datasheet
322Kb / 1P
8-ch Digital Input Module
ADAM-3651 ADVANTECH-ADAM-3651 Datasheet
192Kb / 1P
8-ch Digital Input Module
AMAX-4830 ADVANTECH-AMAX-4830 Datasheet
473Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital
24-Dec-2018
APAX-5040 ADVANTECH-APAX-5040_V01 Datasheet
277Kb / 1P
24-ch Digital Input Module
27-Jun-2018
AMAX-5051 ADVANTECH-AMAX-5051 Datasheet
475Kb / 1P
8-ch Digital Input Module
3-Mar-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com