Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMAX-5080 Datasheet (PDF) - Advantech Co., Ltd.

AMAX-5080 Datasheet PDF - Advantech Co., Ltd.
Part # AMAX-5080
Download  AMAX-5080 Download
File Size   529.32 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 2-ch Counter/Encoder Input Module

AMAX-5080 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMAX-5080 Datasheet PDF - Advantech Co., Ltd.

Part # AMAX-5080
Download  AMAX-5080 Click to download

File Size   529.32 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 2-ch Counter/Encoder Input Module

AMAX-5080 Datasheet (HTML) - Advantech Co., Ltd.


AMAX-5080 Product details

General
ƒ Certification CE, FCC class A
ƒ Connector Pluggable 4P+8P
push-in terminal
(#24~16 AWG)
ƒ Enclosure PC
ƒ Power Consumption 2W@24VDC
ƒ Protocol EtherCAT
ƒ Transmission Rate 100Mbps
ƒ LED Indicator PWR, RUN, A+, A-, B+, B-,
Z+, Z-, L+, L-




Similar Part No. - AMAX-5080

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-5080 ADVANTECH-AMAX-5080 Datasheet
2Mb / 2P
Intel® Core™ i7/i5/Celeron® Control IPC With EtherCAT Slice IO Expansion
19-Oct-2020
AMAX-5080 ADVANTECH-AMAX-5080 Datasheet
767Kb / 2P
Integrated PC-Based SoftPLC & SoftMotion CODESYS-Ready Edge Controller
23-Dec-2021
More results


Similar Description - AMAX-5080

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9200 HP-HEDS9200 Datasheet
798Kb / 7P
2 CHANNEL ENCODER MODULE
HEDS9700 HP-HEDS9700 Datasheet
430Kb / 11P
2 CHANNEL ENCODER MODULE
logo
Advantech Co., Ltd.
ADAM-5080 ADVANTECH-ADAM-5080 Datasheet
588Kb / 1P
4-ch Counter/Frequency Module
PCL-833 ADVANTECH-PCL-833 Datasheet
538Kb / 1P
3-axis Quadrature Encoder and 2-ch Counter ISA Card
ADAM-4080 ADVANTECH-ADAM-4080_15 Datasheet
239Kb / 1P
2-ch Counter/Frequency Module
ADAM-5080 ADVANTECH-ADAM-5080_14 Datasheet
261Kb / 1P
4-ch Counter/Frequency Module
ADAM-6051 ADVANTECH-ADAM-6051_14 Datasheet
1Mb / 2P
14-ch Isolated Digital I/O Modbus TCP Module with 2-ch Counter
logo
PHOENIX CONTACT
2688093 PHOENIX-2688093 Datasheet
133Kb / 7P
Axioline special function module, 2 counter inputs, 2 incremental encoder inputs (including bus base module and connectors)
logo
Advantech Co., Ltd.
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
1-ch Analog Input/Output Module, 8-ch Analog Input Module
logo
NHP Electrical Engineer...
1769-HSC NHP-1769-HSC Datasheet
487Kb / 1P
COMPACTLOGIX 2/4 CHANNEL HIGH SPEED ENCODER/COUNTER MODULE
8 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com