Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJS6446-AU Datasheet (PDF) - Pan Jit International Inc.

PJS6446-AU Datasheet PDF - Pan Jit International Inc.
Part # PJS6446-AU
Download  PJS6446-AU Download
File Size   507.97 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 40V N-Channel Enhancement Mode MOSFET

PJS6446-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6446-AU Datasheet PDF - Pan Jit International Inc.

Part # PJS6446-AU
Download  PJS6446-AU Click to download

File Size   507.97 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 40V N-Channel Enhancement Mode MOSFET

PJS6446-AU Datasheet (HTML) - Pan Jit International Inc.


PJS6446-AU Product details

Features
● RDS(ON), VGS@10V, ID@5.2A<42mΩ
● RDS(ON), VGS@4.5V, ID@2A<51mΩ
● High switching speed
● Low gate charge
● Low reverse transfer capacitance
● AEC-Q101 qualified
● Lead free in compliance with EU RoHS 2.0
● Green molding compound as per IEC 61249 standard




Similar Part No. - PJS6446-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6400 PANJIT-PJS6400 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET
PJS6400 PANJIT-PJS6400 Datasheet
377Kb / 6P
30V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6400_S1_00001 PANJIT-PJS6400_S1_00001 Datasheet
377Kb / 6P
30V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6400_S2_00001 PANJIT-PJS6400_S2_00001 Datasheet
377Kb / 6P
30V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6400 PANJIT-PJS6400_V01 Datasheet
377Kb / 6P
30V N-Channel Enhancement Mode MOSFET
January 20,2022
More results


Similar Description - PJS6446-AU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com