Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSO1150 Datasheet (PDF) - Vishay Siliconix

TDSO1150 Datasheet PDF - Vishay Siliconix
Part # TDSO1150
Download  TDSO1150 Download
File Size   166.7 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 7-Segment Display 7 mms

TDSO1150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSO1150 Datasheet PDF - Vishay Siliconix

Part # TDSO1150
Download  TDSO1150 Click to download

File Size   166.7 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard 7-Segment Display 7 mms

TDSO1150 Datasheet (HTML) - Vishay Siliconix


TDSO1150 Product details

FEATURES
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Yellow and green categorized for color
• Wide viewing angle
• Suitable for DC and high peak current
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Panel meters
• Test- and measure-equipment
• Point-of-sale terminals
• Control units

PRODUCT GROUP AND PACKAGE DATA
• Product group: display
• Package: 7 mm
• Product series: standard
• Angle of half intensity: ± 50°

DESCRIPTION
The TDS.11.. series are 7 mm character seven segment LED
displays in a very compact package.
The displays are designed for a viewing distance up to
3 m and available in four bright colors. The grey package
surface and the evenly lighted untinted segments provide an
optimum on-off contrast.
All displays are categorized in luminous intensity groups.
That allows users to assemble displays with uniform
appearence. Typical applications include instruments, panel
meters, point-of-sale terminals and household equipment.
Due to the design of 7 mm displays, a certain amount of
cross-talk between segments is unavoidable. This light
leakage becomes more noticeable as the brightness of the
operated segments increases. However, higher
environmental illumination, or a partially transparent cover,
may reduce this effect. Therefore, it's important to consider
this phenomenon during design-in and to validate suitability
for the particular application and all its operation modes.




Similar Part No. - TDSO1150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
Standard 7- Segment Display 7 mm
31-Aug-04
TDSO1150 VISHAY-TDSO1150 Datasheet
159Kb / 12P
Standard 7-Segment Display 7 mm
30-Jun-10
TDSO1150 VISHAY-TDSO1150 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSO1150 VISHAY-TDSO1150 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSO1150-K VISHAY-TDSO1150-K Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
More results


Similar Description - TDSO1150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
Standard 7- Segment Display 7 mm
31-Aug-04
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
Standard 7- Segment Display 13 mm
31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
Standard 7- Segment Display 13 mm
05-Oct-00
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
Standard 7-Segment Display 7 mm
30-Jun-10
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
Standard 7-Segment Display 10 mm
23-May-11
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
Standard 7-Segment Display 10 mm
06-Dec-2021
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
Standard 7-Segment Display 10 mm
06-Dec-2021
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
Standard 7-Segment Display 13 mm
06-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com