Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APAX-5090 Datasheet (PDF) - Advantech Co., Ltd.

APAX-5090 Datasheet PDF - Advantech Co., Ltd.
Part # APAX-5090
Download  APAX-5090 Download
File Size   376.19 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4-port RS-232/422/485 Communication Module

APAX-5090 Datasheet (PDF)

Go To PDF Page Download Datasheet
APAX-5090 Datasheet PDF - Advantech Co., Ltd.

Part # APAX-5090
Download  APAX-5090 Click to download

File Size   376.19 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4-port RS-232/422/485 Communication Module

APAX-5090 Datasheet (HTML) - Advantech Co., Ltd.


APAX-5090 Product details

General
ƒƒ Certification CE, FCC class A
ƒƒ Interface COM 1, COM 2: RS-232/422/485
COM 3, COM 4: RS-232/422/485
ƒƒ Connectors 1 x 26-pin clamp-type terminal
ƒƒ Dimensions (W x H x D) 30 x 139 x 100 mm
ƒƒ Enclosure ABS+PC
ƒƒ Weight 180 g
ƒƒ Power Consumption 2 W @ 5 VDC (typical)
ƒƒ LED Indicators TX, RX
ƒƒ Support OS Windows / Linux (Linux Kernel 2.6.32 and newer)
ƒƒ Operation Mode Standard COM
ƒƒ Bus Connector PCIe




Similar Part No. - APAX-5090

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5090P ADVANTECH-APAX-5090P Datasheet
203Kb / 1P
4-port RS-232/422/485 Communication Module
APAX-5090P ADVANTECH-APAX-5090P_14 Datasheet
203Kb / 1P
4-port RS-232/422/485 Communication Module
More results


Similar Description - APAX-5090

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3643 ADVANTECH-PCM-3643 Datasheet
341Kb / 1P
4/8 RS-232 COM Port Module RS-232/422/485 COM Port Module
PCI-1612A ADVANTECH-PCI-1612A Datasheet
542Kb / 1P
4-port RS-232/422/485 PCI Communication Cards
PCL-746+ ADVANTECH-PCL-746+ Datasheet
94Kb / 1P
4-port RS-232/422/485 COMM Card
PCIE-1622 ADVANTECH-PCIE-1622 Datasheet
260Kb / 1P
8-port RS-232/422/485 PCI Express Communication Card
MIC-3955 ADVANTECH-MIC-3955_15 Datasheet
609Kb / 1P
3U CompactPCI짰 4-port RS-232/422/485 Communication Card
APAX-5090P ADVANTECH-APAX-5090P_14 Datasheet
203Kb / 1P
4-port RS-232/422/485 Communication Module
PCIE-1602 ADVANTECH-PCIE-1602_15 Datasheet
445Kb / 1P
2-port RS-232/422/485 PCI Express Communication Card
PCI-1602 ADVANTECH-PCI-1602 Datasheet
846Kb / 1P
2-port RS-232/422/485 PCI Communication Card
22-Aug-2019
PCIE-1602 ADVANTECH-PCIE-1602_V01 Datasheet
813Kb / 1P
2-Port RS-232/422/485 PCI Express Communication Card
22-Aug-2019
PCM-3612I ADVANTECH-PCM-3612I Datasheet
273Kb / 1P
4-port RS-232/422/485 PCI-104 Module
6-Jul-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com