Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJS6461 Datasheet (PDF) - Pan Jit International Inc.

PJS6461 Datasheet PDF - Pan Jit International Inc.
Part # PJS6461
Download  PJS6461 Download
File Size   588.6 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V P-Channel Enhancement Mode MOSFET

PJS6461 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6461 Datasheet PDF - Pan Jit International Inc.

Part # PJS6461
Download  PJS6461 Click to download

File Size   588.6 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V P-Channel Enhancement Mode MOSFET

PJS6461 Datasheet (HTML) - Pan Jit International Inc.


PJS6461 Product details

Features
 RDS(ON), VGS@-10V,ID@-3.2A<110mΩ
 RDS(ON), VGS@-4.5V,ID@-1.6A<130mΩ
 High switching speed.
 Improved dv/dt capability.
 Low gate charge.
 Low reverse transfer capacitance.
 Lead free in compliance with EU RoHS 2.0.
 Green molding compound as per IEC 61249 Std.

Mechanical Data
 Case : SOT-23 6L Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0005 ounces, 0.0141 grams




Similar Part No. - PJS6461

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6461-AU PANJIT-PJS6461-AU Datasheet
750Kb / 6P
60V P-Channel Enhancement Mode MOSFET
February 7,2022 PJS6461-AU-REV.01
PJS6461-AU_S1_000A1 PANJIT-PJS6461-AU_S1_000A1 Datasheet
750Kb / 6P
60V P-Channel Enhancement Mode MOSFET
February 7,2022 PJS6461-AU-REV.01
More results


Similar Description - PJS6461

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com