Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSD-7055 Datasheet (PDF) - Advantech Co., Ltd.

DSD-7055 Datasheet PDF - Advantech Co., Ltd.
Part # DSD-7055
Download  DSD-7055 Download
File Size   486.15 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 55 FHD Digital Signage SDM Monitor

DSD-7055 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSD-7055 Datasheet PDF - Advantech Co., Ltd.

Part # DSD-7055
Download  DSD-7055 Click to download

File Size   486.15 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 55 FHD Digital Signage SDM Monitor

DSD-7055 Datasheet (HTML) - Advantech Co., Ltd.


DSD-7055 Product details

Features
ƒ 55" LCD supports FHD resolution 1920 x 1080
ƒ High brightness of 500 cd/m2
ƒ High contrast ratio of 4000:1
ƒ Low power consumption 80W/95W (W/o SDM)
ƒ Quick response time 8 ms
ƒ Wide viewing angle 178 / 178 degrees
ƒ Speaker: 10W x 2
ƒ LED backlight lifetime: 50,000hrs
ƒ Display colors: 16.7M colors
ƒ SDM-L interface supported




Similar Part No. - DSD-7055

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSD-7055N2-45FHA1E ADVANTECH-DSD-7055N2-45FHA1E Datasheet
869Kb / 2P
55" LCD with LED backlight
DSD-7055 ADVANTECH-DSD-7055_14 Datasheet
869Kb / 2P
55" LCD with LED backlight
More results


Similar Description - DSD-7055

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSD-3042 ADVANTECH-DSD-3042 Datasheet
222Kb / 2P
42" FHD Industrial Digital Signage Monitor & Touch Screen
DSD-3055 ADVANTECH-DSD-3055 Datasheet
6Mb / 2P
55" FHD Industrial Digital Signage Monitor & Touch
DSD-3032 ADVANTECH-DSD-3032_14 Datasheet
344Kb / 2P
32" F-HD Digital Signage & Touch Monitor
DSD-3042 ADVANTECH-DSD-3042_14 Datasheet
440Kb / 2P
42" F-HD Digital Signage & Touch Monitor
DSD-3055 ADVANTECH-DSD-3055_14 Datasheet
757Kb / 2P
55" F-HD Digital Signage & Touch Monitor
DSD-3032 ADVANTECH-DSD-3032_V01 Datasheet
350Kb / 2P
32 F-HD Digital Signage & Touch Monitor
18-Sep-2018
DSD-3055 ADVANTECH-DSD-3055_V01 Datasheet
528Kb / 2P
55 F-HD Digital Signage & Touch Monitor
18-Sep-2018
VUE-5550-UHD ADVANTECH-VUE-5550-UHD Datasheet
461Kb / 2P
Advantech 55 Digital Signage
15-Apr-2022
PAX-324 ADVANTECH-PAX-324 Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
PAX-332 ADVANTECH-PAX-332 Datasheet
499Kb / 2P
32" FHD Surgical Monitor
18-Apr-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com