Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX90G301QF-R330 Datasheet (PDF) - CML Microcircuits

CMX90G301QF-R330 Datasheet PDF - CML Microcircuits
Part # CMX90G301QF-R330
Download  CMX90G301QF-R330 Download
File Size   1343.58 Kbytes
Page   16 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description CMX90G301 1.47.1GHz Positive Gain-Slope Amplifier 1dB

CMX90G301QF-R330 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMX90G301QF-R330 Datasheet PDF - CML Microcircuits

Part # CMX90G301QF-R330
Download  CMX90G301QF-R330 Click to download

File Size   1343.58 Kbytes
Page   16 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description CMX90G301 1.47.1GHz Positive Gain-Slope Amplifier 1dB

CMX90G301QF-R330 Datasheet (HTML) - CML Microcircuits


CMX90G301QF-R330 Product details

Description
The CMX90G301 is a low-power 50 Ω cascadable
MMIC gain block suitable for a wide variety of
wireless applications operating in the 1.4 –
7.1 GHz frequency range.
The gain block has a positive gain-slope of +1dB
across the band, eliminating the need for
equalisation and compensates for increasing
system losses with frequency.
CMX90G301 is highly integrated for ease of use,
minimising component count and board area. RF
ports are matched on-chip to 50 Ω with DCblocking
capacitors. An active bias circuit allows
the device to operate over a wide supply voltage
of 2.7V to 5V with typical current of 22 mA.
Using GaAs pHEMT to provide a combination of
low DC power, low noise and high gain.
An alternative part, CMX90G302, is available for
applications that require more gain-slope compensation.

Product Features
• Wide frequency range 1.4 – 7.1 GHz
• Positive gain-slope +1dB
• Small signal gain 14.8 – 16.0 dB
• Single positive DC supply 2.7 – 5 V
• Low noise figure 2 dB
• Input and output matched to 50 Ω
• Output P1dB +11.5 dBm @3.5 GHz
• 1.8 V logic compatible enable
• 105°C operating temperature

Applications
• Tx and Rx systems
• 4G / 5G wireless infrastructure
• TDD and FDD
• IF amplifier
• License-free bands
• General purpose gain block
• Eliminate passive equaliser




Similar Part No. - CMX90G301QF-R330

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX90G302 CMLMICRO-CMX90G302 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
CMX90G302QF-R330 CMLMICRO-CMX90G302QF-R330 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
CMX90G302QF-R710 CMLMICRO-CMX90G302QF-R710 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
More results


Similar Description - CMX90G301QF-R330

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A Datasheet
902Kb / 11P
1.4-2.7GHz W Digital Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603 AVAGO-VMMK-3603 Datasheet
926Kb / 10P
1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Integrated Technology F...
240108B ITF-240108B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 1.4 MHz
250121B ITF-250121B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 1.4 MHz
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603 AVAGO-VMMK-3603_15 Datasheet
926Kb / 10P
1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Broadcom Corporation.
VMMK-3603 BOARDCOM-VMMK-3603 Datasheet
926Kb / 10P
1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Qorvo, Inc
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
logo
CML Microcircuits
CMX90G302 CMLMICRO-CMX90G302 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
More results




About CML Microcircuits


CML Microcircuits is a semiconductor company based in the United Kingdom that specializes in the design and manufacture of high-performance analog, mixed-signal, and radio frequency (RF) integrated circuits (ICs). The company was founded in 1968 and has since become a leading provider of ICs for the communications, industrial, and professional markets.

CML Microcircuits' products are used in a wide range of applications, including wireless communication systems, industrial automation, and test and measurement equipment. The company's ICs are known for their high quality, reliability, and performance, and are used by customers around the world.

CML Microcircuits has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the UK, USA, Singapore, and China, and serves customers in more than 50 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com