Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCUT0714A02V Datasheet (PDF) - Vishay Siliconix

VCUT0714A02V Datasheet PDF - Vishay Siliconix
Part # VCUT0714A02V_V01
Download  VCUT0714A02V Download
File Size   118.97 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523

VCUT0714A02V Datasheet (PDF)

Go To PDF Page Download Datasheet
VCUT0714A02V Datasheet PDF - Vishay Siliconix

Part # VCUT0714A02V_V01
Download  VCUT0714A02V Click to download

File Size   118.97 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523

VCUT0714A02V Datasheet (HTML) - Vishay Siliconix


VCUT0714A02V Product details

FEATURES
• Compact SOD-523 package
• Low package height < 0.75 mm
• 1-line ESD-protection
• AEC-Q101 qualified available
• Working range -7 V up to +14 V or -14 V up to +7 V
• Low leakage current < 0.1 μA
• Low load capacitance typical CD = 8 pF
• ESD-protection acc. IEC 61000-4-2
± 25 kV contact discharge
± 30 kV air discharge
• Lead plating: Sn (e3) 
Soldering can be checked by standard vision inspection
AOI = automated optical inspection
No X-ray necessary
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VCUT0714A02V_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT0714A02V VISHAY-VCUT0714A02V Datasheet
119Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523
05-Aug-2020
More results


Similar Description - VCUT0714A02V_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1 Datasheet
129Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
22-Nov-07
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1_10 Datasheet
120Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
26-Oct-10
VCUT0714A-02Z-GS08 VISHAY-VCUT0714A-02Z-GS08 Datasheet
114Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD923
09-Aug-09
VESD01C1-02V VISHAY-VESD01C1-02V Datasheet
137Kb / 10P
Single-Line ESD-Protection Diode in SOD-523
05-Aug-2020
VCUT0714-HD1 VISHAY-VCUT0714-HD1 Datasheet
138Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in LLP1006-2L
04-May-2020
VCUT0714A02V VISHAY-VCUT0714A02V Datasheet
119Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523
05-Aug-2020
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1_V01 Datasheet
139Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in LLP1006-2L
04-May-2020
VCUT0714BHD1 VISHAY-VCUT0714BHD1_V01 Datasheet
152Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in DFN1006-2A
19-Nov-2021
VESD01C1-02V VISHAY-VESD01C1-02V_V01 Datasheet
134Kb / 10P
Single-Line ESD-Protection Diode in SOD-523
15-Jan-2021
VCUT0610AHD1 VISHAY-VCUT0610AHD1 Datasheet
104Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection
14-Aug-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com