Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0085.102 Datasheet (PDF) - Pulse A Technitrol Company

PG0085.102 Datasheet PDF - Pulse A Technitrol Company
Part # PG0085.102
Download  PG0085.102 Download
File Size   490.23 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description SMT Power Inductors

PG0085.102 Datasheet (PDF)

Go To PDF Page Download Datasheet
PG0085.102 Datasheet PDF - Pulse A Technitrol Company

Part # PG0085.102
Download  PG0085.102 Click to download

File Size   490.23 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description SMT Power Inductors

PG0085.102 Datasheet (HTML) - Pulse A Technitrol Company


PG0085.102 Product details

Height: 1.8mm Max
Footprint: 4.3mm x 4.3mm Max
Current Rating: up to 1.5A
Inductance Range: 0.7μH to 220μH




Similar Part No. - PG0085.102

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0085.102 PULSE-PG0085.102 Datasheet
190Kb / 2P
Shielded Drum Core
PG0085.102NL PULSE-PG0085.102NL Datasheet
190Kb / 2P
Shielded Drum Core
More results


Similar Description - PG0085.102

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com